Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD107WS_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza SD107WS_R1_00001
Descripción Electrónicos  SURFACE MOUNT SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD107WS_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SD107WS_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SD107WS_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SD107WS_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SD107WS_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SD107WS_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 12,2016-REV.05
SD107WS
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
30 Volt
200mA
FEATURES
• Very Low VF : 0.36V(Max) at I F=2mA
• Low Capacitance : 3pF(Max) at VR=10V
• Extremely Fast Switching Speed
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : SOD-323, plastic
Terminals : Solderable per MIL-STD-750,Method 2026
Approx Weight : 0.00014 ounces, 0.0041 grams
Polarity : Color band cathode
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTE : FR-4 Board = 70 x 60 x 1mm.
1
2
Cathode
Anode
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive
load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
VALUE
UNITS
Marking Code
-S9
-
Maximum Reverse Voltage
VR
30
V
Peak Reverse Voltage
VRRM
30
V
Maximum Forward Current
I F
0.2
A
Non-Repetitive Forward Surge Current tp=10ms
I FSM
0.75
A
Power Dissipation (1)
PTOT
200
mW
Thermal Resistance, Junction to Ambient (1)
RΘJA
625
OC/W
Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
OC
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Número de pieza similar - SD107WS_R1_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SD107WS-7 DIODES-SD107WS-7 Datasheet
62Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 4 - 2
SD107WS-7-F DIODES-SD107WS-7-F Datasheet
70Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 8 - 2
SD107WS-7-F DIODES-SD107WS-7-F Datasheet
93Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 December 2009
logo
Pan Jit International I...
SD107WS-AU PANJIT-SD107WS-AU Datasheet
113Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
SD107WS-AU_R1_000A1 PANJIT-SD107WS-AU_R1_000A1 Datasheet
113Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Descripción similar - SD107WS_R1_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com