Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD2S703-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD2S703-Q1
Descripción Electrónicos  Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S703-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPD2S703-Q1 Datasheet HTML 1Page - Texas Instruments TPD2S703-Q1 Datasheet HTML 2Page - Texas Instruments TPD2S703-Q1 Datasheet HTML 3Page - Texas Instruments TPD2S703-Q1 Datasheet HTML 4Page - Texas Instruments TPD2S703-Q1 Datasheet HTML 5Page - Texas Instruments TPD2S703-Q1 Datasheet HTML 6Page - Texas Instruments TPD2S703-Q1 Datasheet HTML 7Page - Texas Instruments TPD2S703-Q1 Datasheet HTML 8Page - Texas Instruments TPD2S703-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
TPD2S703-Q1
www.ti.com
SLLSEU8 – MARCH 2017
Product Folder Links: TPD2S703-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For recommended values for capacitors and resistors, the typical values assume a component placed on the board near the pin.
Minimum and maximum values listed are inclusive of manufacturing tolerances, voltage derating, board capacitance, and temperature
variation. The effective value presented should be within the minimum and maximums listed in the table.
6.5 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VPWR
5-V DC supply voltage for internal circuitry
4.5
7
V
VREF
Mode 0. Voltage range for VREF pin (for setting OVP threshold)
3
3.6
V
VREF
Mode 1. Voltage range for VREF pin (for setting OVP threshold)
0.63
3.8
V
VD+, VD–
Voltage range from connector-side USB data lines
0
3.6
V
D+, D–
Voltage range for internal USB data lines
0
3.6
V
VEN
Voltage range for enable
0
7
V
VFLT
Voltage range for enable
0
7
V
IFLT
Current into open drain FLT pin FET
0
3
mA
CVPWR
VPWR capacitance
(1)
VPWR pin
1
10
µF
CVREF
VREF capacitance
VREF pin
0.3
1
3
µF
CMODE
Allowed parasitic capacitance on mode pin from PCB and mode 1 external resistors
20
pF
RMODE_0
Resistance to GND to set to mode 0
2
2.6
k
RMODE_1
Resistance to GND to set to mode 1 (calculate parallel combination of RTOP and
RBOT)
14
20
k
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Thermal Information
THERMAL METRIC(1)
TPD2S703-Q1
UNIT
DGS (VSSOP)
DSK (WSON)
10 PINS
10 PINS
θJA
Junction-to-ambient thermal resistance
167.3
61.5
°C/W
θJCtop
Junction-to-case (top) thermal resistance
56.9
51.3
°C/W
θJB
Junction-to-board thermal resistance
87.6
34
°C/W
ψJT
Junction-to-top characterization parameter
7.7
1.3
°C/W
ψJB
Junction-to-board characterization parameter
86.2
34.3
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
7.7
°C/W


Número de pieza similar - TPD2S703-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD2S701-Q1 TI1-TPD2S701-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD2S701QDGSRQ1 TI1-TPD2S701QDGSRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD2S701QDSKRQ1 TI1-TPD2S701QDSKRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
More results

Descripción similar - TPD2S703-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD2S701-Q1 TI1-TPD2S701-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
   USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Texas Instruments
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
[Old version datasheet]   TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
   ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com