Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD2S703QDGSRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD2S703QDGSRQ1
Descripción Electrónicos  Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S703QDGSRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPD2S703QDGSRQ1 Datasheet HTML 1Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 2Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 3Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 4Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 5Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 6Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 7Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 8Page - Texas Instruments TPD2S703QDGSRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Thermal
Pad
1
VD-
10
D-
2
VD+
9
D+
3
GND
8
VREF
4
FLT
7
VPWR
5
EN
6
MODE
1
VD-
10
D-
2
VD+
9
D+
3
GND
8
VREF
4
FLT
7
VPWR
5
EN
6
MODE
3
TPD2S703-Q1
www.ti.com
SLLSEU8 – MARCH 2017
Product Folder Links: TPD2S703-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGS Package
10-Pin SSOP
Top View
DSK Package
10-Pin WSON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VD–
I/O
High voltage D– USB data line, connect to USB connector D+, D– IEC61000-4-2 ESD
protection
2
VD+
I/O
High voltage D+ USB data line, connect to USB connector D+, D– IEC61000-4-2 ESD
protection
3
GND
Ground
Ground pin for internal circuits and IEC ESD clamps
4
FLT
O
Open-drain fault pin. See Table 1
5
EN
I
Enable active-low input. Drive EN low to enable the switches. Drive EN high to disable the
switches. See Table 1 for mode selection
6
MODE
I
Selects between device modes. See the Detailed Description section. Acts as LDO reference
voltage for mode 1
7
VPWR
I
5-V DC supply input for internal circuits. Connect to internal power rail on PCB
8
VREF
I/O
Pin to set OVP threshold. See the Detailed Description section for instructions on how to set
OVP threshold
9
D+
I/O
I/O protected low voltage D+ USB data line, connects to transceiver
10
D–
I/O
Protected low voltage D– USB data line, connects to transceiver


Número de pieza similar - TPD2S703QDGSRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD2S701-Q1 TI1-TPD2S701-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD2S701QDGSRQ1 TI1-TPD2S701QDGSRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD2S701QDSKRQ1 TI1-TPD2S701QDSKRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
More results

Descripción similar - TPD2S703QDGSRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD2S701-Q1 TI1-TPD2S701-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
   USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Texas Instruments
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
[Old version datasheet]   TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
   ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com