Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25020S Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT25020S
Descripción Electrónicos  1K/2K/4K SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25020S Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT25020S Datasheet HTML 1Page - Catalyst Semiconductor CAT25020S Datasheet HTML 2Page - Catalyst Semiconductor CAT25020S Datasheet HTML 3Page - Catalyst Semiconductor CAT25020S Datasheet HTML 4Page - Catalyst Semiconductor CAT25020S Datasheet HTML 5Page - Catalyst Semiconductor CAT25020S Datasheet HTML 6Page - Catalyst Semiconductor CAT25020S Datasheet HTML 7Page - Catalyst Semiconductor CAT25020S Datasheet HTML 8Page - Catalyst Semiconductor CAT25020S Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
CAT25010/20/40
Doc. No. 1006, Rev. L
FUNCTIONAL DESCRIPTION
The CAT25010/20/40 supports the SPI bus data
transmission protocol. The synchronous Serial Peripheral
Interface (SPI) helps the CAT25010/20/40 to interface
directly with many of today’s popular microcontrollers.
The CAT25010/20/40 contains an 8-bit instruction
register. (The instruction set and the operation codes
are detailed in the instruction set table)
After the device is selected with
CS going low, the first
byte will be received. The part is accessed via the SI pin,
with data being clocked in on the rising edge of SCK.
The first byte contains one of the six op-codes that define
the operation to be performed.
PIN DESCRIPTION
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses, and data to be written to the
CAT25010/20/40. Input data is latched on the rising
edge of the serial clock for SPI modes (0, 0 & 1, 1).
SO: Serial Output
SO is the serial data output pin. This pin is used to
transfer data out of the CAT25010/20/40. During a read
cycle, data is shifted out on the falling edge of the serial
Note:
(1) X=0 for 25010, 25020. X=A8 for 25040
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(2)(3)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Figure 1. Sychronous Data Timing
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO
tRI
tFI
Note: Dashed Line= mode (1, 1) – ––––
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 X011(1)
Read Data from Memory
WRITE
0000 X010(1)
Write Data to Memory
INSTRUCTION SET


Número de pieza similar - CAT25020S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020 ONSEMI-CAT25020 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25020 ONSEMI-CAT25020 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25020 ONSEMI-CAT25020 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
More results

Descripción similar - CAT25020S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com