Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA0612JRX7R9BN121 Datasheet(PDF) 6 Page - YAGEO Corporation

No. de pieza CA0612JRX7R9BN121
Descripción Electrónicos  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YAGEO [YAGEO Corporation]
Página de inicio  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0612JRX7R9BN121 Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button CA0612JRX7R9BN121 Datasheet HTML 2Page - YAGEO Corporation CA0612JRX7R9BN121 Datasheet HTML 3Page - YAGEO Corporation CA0612JRX7R9BN121 Datasheet HTML 4Page - YAGEO Corporation CA0612JRX7R9BN121 Datasheet HTML 5Page - YAGEO Corporation CA0612JRX7R9BN121 Datasheet HTML 6Page - YAGEO Corporation CA0612JRX7R9BN121 Datasheet HTML 7Page - YAGEO Corporation CA0612JRX7R9BN121 Datasheet HTML 8Page - YAGEO Corporation CA0612JRX7R9BN121 Datasheet HTML 9Page - YAGEO Corporation CA0612JRX7R9BN121 Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.yageo.com
Nov. 10, 2015 V.4
Surface-Mount Ceramic Multilayer Capacitors
6
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
CAPACITANCE RANGE & THICKNESS FOR 4C-ARRAY
Table 4 Temperature characteristic material from Y5V
CAPACITANCE
0612 (4 x 0603)
25 V
10 nF
0.6± 0.1
22 nF
47 nF
100 nF
NOTE
Values in shaded cells indicate thickness class in mm
Table 5
THICKNESS CLASSES AND PACKING QUANTITY
SIZE
CODE
THICKNESS
CLASSIFICATION
TAPE WIDTH QUANTITY
PER REEL
Ø 180 MM / 7 INCH
Ø 180 MM / 13 INCH
Paper
Paper
0508
0.6 ± 0.1 mm
8 mm
4,000
20,000
0612
0.8 ± 0.1 mm
8 mm
4,000
15,000


Número de pieza similar - CA0612JRX7R9BN121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YAGEO Corporation
CA0612JRX7R9BN473 YAGEO-CA0612JRX7R9BN473 Datasheet
391Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Descripción similar - CA0612JRX7R9BN121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com