Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD6420 Datasheet(PDF) 8 Page - Cirrus Logic

No. de pieza CD6420
Descripción Electrónicos  FULL DUPLEX SPEAKERPHONE CHIP
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CD6420 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CD6420 Datasheet HTML 4Page - Cirrus Logic CD6420 Datasheet HTML 5Page - Cirrus Logic CD6420 Datasheet HTML 6Page - Cirrus Logic CD6420 Datasheet HTML 7Page - Cirrus Logic CD6420 Datasheet HTML 8Page - Cirrus Logic CD6420 Datasheet HTML 9Page - Cirrus Logic CD6420 Datasheet HTML 10Page - Cirrus Logic CD6420 Datasheet HTML 11Page - Cirrus Logic CD6420 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
CS6420
8
DS205PP2
OVERVIEW
The CS6420 is a full-duplex speakerphone chip for
use in hands-free communications with telephony
quality
audio. Common
applications include
speakerphones, inexpensive video-conferencing,
and cellular phone car kits. The CS6420 requires
very few external components and allows system
control through a microcontroller interface.
Hands-free communication through a microphone
and speaker typically results in acoustic feedback
or howling because the loop gain of the system ex-
ceeds unity by the time audio amplitudes are ad-
justed to a reasonable level. The solution to the
howling problem has typically been half-duplex,
where either the transmit or the receive channel is
active, never both at the same time. This prevents
the howling, but diminishes the overall communi-
cation quality by clipping words and forcing the
talker at each end to wait for the talker at the other
end to stop speaking.
Full-duplex conversation, where both transmit and
receive channels are active simultaneously, is the
conversation quality we enjoy when using hand-
sets. Full-duplex for hands-free communications is
achieved in the CS6420 using a digital signal pro-
cessing technique called “Echo Cancellation.” The
end result is a more natural conversation than half-
duplex, with no awkward breaks and pauses, as if
both parties were speaking to each other directly.
Echo Cancellation reduces overall loop gain and
the acoustic coupling between speaker and micro-
phone. This coupling reduction prevents the annoy-
ing effect of hearing one’s own delayed speech, the
effect being worse when there is delay in the sys-
tem, such as vocoder delay in digital cellular
phones.
The CS6420 is a complete system implementation
of a Digital Signal Processor with RAM and pro-
gram ROM, running Echo Cancellation algorithms
developed at Crystal Semiconductor using custom-
er input, integrated with two delta-sigma codecs.
The CS6420 is intended to provide a full-duplex
speakerphone solution with a minimum of design
effort while displacing existing half-duplex speak-
erphone chips.
FUNCTIONAL DESCRIPTION
The CS6420 is roughly divided into four external
interface blocks. The analog interfaces connect the
chip to the transmit and receive paths. Certain con-
trol functions are accessible through the microcon-
troller interface. Two pins accommodate either a
crystal or an externally applied digital clock signal.
Analog and digital power and ground are provided
through four pins.
Analog Interface
In a speakerphone application, one input of the
CS6420 connects to the signal from the micro-
phone, sometimes called the near-end input or
transmit input, and one output connects to the
speaker. The output that leads to the speaker is
sometimes called the near-end output or receive
output. Together, the input and output that connect
to the microphone and speaker are referred to as the
Acoustic Interface.
The signal received at the near-end input is then
passed to the far-end output or transmit output after
acoustic echo cancellation. This signal is sent to the
telephone line. The signal from the telephone line
is received at the far-end input, also called the re-
ceive input, and this signal is passed to the receive
output after network echo cancellation. Together,
the far-end input and output form the Network In-
terface.
The analog interfaces are physically implemented
using delta sigma converters running at an output
word rate of 8 kHz, resulting in a passband from
DC to 4 kHz. Because the inputs are analog to dig-
ital converters (ADCs), certain design consider-
ations must be kept in mind: specifically, anti-
aliasing and full-scale input voltage. The ADCs ex-
pect a single-pole RC filter with a corner at 8 kHz,


Número de pieza similar - CD6420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
CD64.1101.151 SCHURTER-CD64.1101.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD64.4101.151 SCHURTER-CD64.4101.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
logo
Compensated Deuices Inc...
CD645 CDI-DIODE-CD645 Datasheet
70Kb / 2P
   GENERAL PURPOSE SILICON DIODES
logo
Microsemi Corporation
CD645 MICROSEMI-CD645 Datasheet
45Kb / 2P
   GENERAL PURPOSE SILICON DIODES
More results

Descripción similar - CD6420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS6422 CIRRUS-CS6422 Datasheet
873Kb / 48P
   Enhanced Full-Duplex Speakerphone IC
logo
Siemens Semiconductor G...
PSB4860 SIEMENS-PSB4860 Datasheet
938Kb / 250P
   Digital Answering Machine with Full Duplex Speakerphone SAM EC
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
logo
List of Unclassifed Man...
ISD-T360SB ETC-ISD-T360SB Datasheet
1Mb / 109P
   VoiceDSP Digital Speech Processor with Master/Slave, Full-Duplex Speakerphone, Multiple Flash and ARAM/DRAM Support
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
CML Microcircuits
DB118 CMLMICRO-DB118 Datasheet
368Kb / 7P
   Full-Duplex Audio Processing
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
Maxim Integrated Produc...
78Q2123 MAXIM-78Q2123 Datasheet
351Kb / 37P
   Full duplex operation capable
Rev. 2.0
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com