|
| NTE1002 |
|
||
|
NTE |
|
1 page
NTE1002 Integrated Circuit FM IF TV Amp Features: D Excellent Limiting Characteristics D High Gain D High AM Rejection Ratio D Wide Band Amp Absolute Maximum Ratings: (TA = +25°C unless otherwise specified) Maximum Supply Voltage (Pin8 to Pin7), VCC 12V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Voltage, V8 20V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Temperature Range, Topr –20 ° to +75°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg –40 ° to +125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Recommended Operation Conditions: (TA = +25°C unless otherwise specified) Supply Voltage, VCC 6V to 10V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrical Characteristics: (TA = +25°C, VCC = 7.5V unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Power Dissipation PD VCC = 6.0V 30 60 108 mW VCC = 7.5V 52 98 150 mW VCC = 10V 90 155 240 mW Forward Transadmittance |yf| VCC = 7.5V, f = 10.7MHz 55 61 – dB Output Saturation Voltage VCC = 7.5V, f = 10.7MHz 0.55 1.0 1.4 V Current at Differential pair I8 – 1.6 – mA |
|
1 2
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1019 | Integrated Circuit Module Hybrid Low Noise Equalizer Amp | 1 2 | NTE Electronics |
| NTE1242 | Integrated Circuit FM/AM IF Amp AM Converter | 1 2 | NTE Electronics |
| NTE1375 | Integrated Circuit Audio Power Amp for Car Radio 5.8W | 1 2 | NTE Electronics |
| NTE1785 | Integrated Circuit TV IF Amp w/Demod and AFC For PNP Tuners | 1 2 3 | NTE Electronics |
| NTE1049 | Integrated Circuit AM Tuner w/RF Amp | 1 2 | NTE Electronics |
| NTE1383 | Integrated Circuit Dual Audio Power Amp 5.1W/Ch 10.5W BTL | 1 2 3 | NTE Electronics |
| NTE1578 | Integrated Circuit FM Mixer/IF Amp | 1 2 | NTE Electronics |
| NTE1794 | Integrated Circuit Volatge Controlled Amp VCA for dbx Noise Reduction System | 1 2 | NTE Electronics |
| NTE825 | Integrated Circuit Battery Operated Audio Amp | 1 2 3 | NTE Electronics |
| NTE1293 | Integrated Circuit Dual Audio Power Amp 5.8W/Ch | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |