|
| NTE1002 |
|
||
|
NTE |
|
2 page
Pin Connection Diagram (Top View) 8 7 6 5 4 3 2 1 GND (+) VCC N.C. Input Input Bypass Bypass Output .370 (9.39) Dia Max .335 (8.52) Dia Max .018 (0.45) Dia Typ .032 (0.82) 45 ° .177 (4.5) Max .492 (12.5) Min .200 (5.06) Dia 1 2 3 4 5 6 7 8 |
|
1 2
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1019 | Integrated Circuit Module Hybrid Low Noise Equalizer Amp | 1 2 | NTE Electronics |
| NTE1242 | Integrated Circuit FM/AM IF Amp AM Converter | 1 2 | NTE Electronics |
| NTE1375 | Integrated Circuit Audio Power Amp for Car Radio 5.8W | 1 2 | NTE Electronics |
| NTE1785 | Integrated Circuit TV IF Amp w/Demod and AFC For PNP Tuners | 1 2 3 | NTE Electronics |
| NTE1049 | Integrated Circuit AM Tuner w/RF Amp | 1 2 | NTE Electronics |
| NTE1383 | Integrated Circuit Dual Audio Power Amp 5.1W/Ch 10.5W BTL | 1 2 3 | NTE Electronics |
| NTE1578 | Integrated Circuit FM Mixer/IF Amp | 1 2 | NTE Electronics |
| NTE1794 | Integrated Circuit Volatge Controlled Amp VCA for dbx Noise Reduction System | 1 2 | NTE Electronics |
| NTE825 | Integrated Circuit Battery Operated Audio Amp | 1 2 3 | NTE Electronics |
| NTE1293 | Integrated Circuit Dual Audio Power Amp 5.8W/Ch | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |