Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCA75CC50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza FCA75CC50
Descripción Electrónicos  MOSFET MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

FCA75CC50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FCA75CC50 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCA75CC50 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCA75CC50 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4
FCA75CC50
MOSFET MODULE
UL;E76102 M
Unit
A
Maximum Ratings
Tj
25
Electrical Characteristics
Tj
25
Symbol
Item
Conditions
Ratings
FCA75CC50
Unit
VDSS
Drain-Source Voltage
500
V
VGSS
Gate-Source Voltage
20
V
ID
Drain
Current
DC
Pulse
Duty 35%
75
A
IDP
150
Is
Source Current
75
A
PT
Total Power Dissipation
Tc
25
430
W
Tj
Channel Temperature
40
150
Tstg
Storage Temperature
40
125
VISO
Isolation Voltage
R.M.S.
A.C. 1minute
2500
V
Mounting
Torque
Mounting M6
Terminal M5
Recommended Value 2.5
3.9
25
40
4.7
48
N m
kgf B
Recommended Value 1.5
2.5
15
25
2.7
28
Mass
Typical Value
240
g
Symbol
Item
Conditions
Ratings
Min.
Typ.
Max.
1.0
Unit
IGSS
Gate Leakage Current
VGS
20V
VDS
0V
A
1.0
IDSS
Zero Gate Voltage Drain Current
VGS
0V
VDS
500V
mA
500
V BR DSS
Darin-Source Breakdown Voltage
VGS
0V
ID
1mA
V
1.0
5.0
VGS th
Gate-Source Threshold Voltage
VDS
VGS
ID
10mA
V
140
RDS on
Drain-Source On-State Resistance
ID
40A
VGS
15V
m
3.5
VDS on
Drain-Source On-State Voltage
ID
40A
VGS
15V
V
40
gfs
Forward Transconductance
VDS
10V
ID
40A
S
13500
Ciss
Input Capacitance
VGS
0V
VDS
25V
f
1.0MHz
pF
2500
Coss
Output Capacitance
VGS
0V
VDS
25V
f
1.0MHz
pF
1000
Crss
Reverse Transfer Capacitance
VGS
0V
VDS
25V
f
1.0MHz
pF
60
tr
Switching
Time
Rise Time
Turn-on Delay Time
Fall Time
Turn-off Delay Time
VDD
300V
VGS
15V
ID
40A
RG
5
ns
60
td on
650
tf
130
td off
2.5
VSDS
Diode Forward Voltage
IS
40A
VGS
0V
V
80
100
trr
Reverse Recovery Time
IS
40A
VGS
5V
di/dt
100A/ s
ns
0.29
1.67
Rth j-c
Thermal Resistance
MOSFET
Diode
/W
FCA75CC50 is a dual power MOSFET module designed for fast swiching applications
of high voltage and current.
2 devices are serial connected.
The mounting base of the
module is electrically isolated from semiconductor elements for simple heatsink
construction.
ID
75A, VDSS
500V
Suitable for high speed switching applications.
Low ON resistance.
Wide Safe Operating Areas.
trr
100ns
Applications
UPS CVCF , Motor Control, Switching Power Supply, etc.


Número de pieza similar - FCA75CC50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SanRex Corporation
FCA75CC50 SANREX-FCA75CC50 Datasheet
340Kb / 21P
   MOSFET MODULE
More results

Descripción similar - FCA75CC50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
SK70MD075 SEMIKRON-SK70MD075_07 Datasheet
597Kb / 3P
   MOSFET Module
SK60MD10 SEMIKRON-SK60MD10 Datasheet
412Kb / 2P
   MOSFET Module
SK300MB075 SEMIKRON-SK300MB075 Datasheet
462Kb / 3P
   Mosfet Module
logo
SanRex Corporation
SF150BA50 SANREX-SF150BA50 Datasheet
536Kb / 3P
   MOSFET MODULE
logo
Semikron International
SK150MHK055T SEMIKRON-SK150MHK055T Datasheet
572Kb / 3P
   Mosfet Module
SK150MBL055T SEMIKRON-SK150MBL055T Datasheet
598Kb / 3P
   Mosfet Module
SK85MH10 SEMIKRON-SK85MH10 Datasheet
426Kb / 3P
   MOSFET Module
SK85MH10T SEMIKRON-SK85MH10T Datasheet
482Kb / 3P
   MOSFET Module
SK115MAA10 SEMIKRON-SK115MAA10 Datasheet
335Kb / 2P
   MOSFET Module
SK80MD055 SEMIKRON-SK80MD055 Datasheet
416Kb / 2P
   MOSFET Module
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com