Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS36A Datasheet(PDF) 2 Page - Nanjing International Group Co

No. de pieza SS36A
Descripción Electrónicos  3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DGNJDZ [Nanjing International Group Co]
Página de inicio  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS36A Datasheet(HTML) 2 Page - Nanjing International Group Co

  SS36A Datasheet HTML 1Page - Nanjing International Group Co SS36A Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
S 2A THRU S
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (S
S320A)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.6
1.2
1.8
2.4
3.0
3.6
0
20
40
60
80
100
120
140
160
180
200
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
5.0
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
80
40
0
1
20
200
160
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Número de pieza similar - SS36A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
SS36A TAITRON-SS36A Datasheet
202Kb / 4P
   3.0A Surface Mount Schottky Rectifier
logo
Shenzhen Luguang Electr...
SS36A LUGUANG-SS36A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
SS36A BILIN-SS36A Datasheet
488Kb / 4P
   Schottky Barrier Rectifiers
logo
Diotech Company.
SS36A DIOTECH-SS36A Datasheet
690Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bruckewell Technology L...
SS36A BWTECH-SS36A Datasheet
577Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Descripción similar - SS36A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320A SECOS-SM320A Datasheet
226Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320B SECOS-SM320B Datasheet
160Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM3150C GWSEMI-SM3150C Datasheet
64Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS36-60V-DO-214AB DGNJDZ-SS36-60V-DO-214AB Datasheet
254Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS38F-80V-SMAF DGNJDZ-SS38F-80V-SMAF Datasheet
319Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310A-100V-SMAF DGNJDZ-SS310A-100V-SMAF Datasheet
311Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK35.3A-DO-214AB DGNJDZ-SK35.3A-DO-214AB Datasheet
128Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36A-60V-SMAF DGNJDZ-SS36A-60V-SMAF Datasheet
311Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310-100V-DO-214AB DGNJDZ-SS310-100V-DO-214AB Datasheet
254Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310F-100V-SMAF DGNJDZ-SS310F-100V-SMAF Datasheet
319Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com