Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM24CL64-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza FM24CL64-S
Descripción Electrónicos  64Kb 2.7V-3.6V FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

FM24CL64-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FM24CL64-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL64-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. Production processing does not necessarily in-
1850 Ramtron Drive, Colorado Springs, CO 80921
clude testing of all parameters.
(800) 545-FRAM, (719) 481-7000, Fax (719) 481-7058
www.ramtron.com
Rev 2.0
July 2003
Page 1 of 13
FM24CL64
64Kb Serial 3V FRAM Memory
Features
64K bit Ferroelectric Nonvolatile RAM
Organized as 8,192 x 8 bits
Unlimited Read/Write Cycles
10 year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Fast Two-wire Serial Interface
Up to 1 MHz maximum bus frequency
Direct hardware replacement for EEPROM
Supports legacy timing for 100 kHz & 400 kHz
Low Power Operation
True 2.7V-3.6V Operation
75
µA Active Current (100 kHz)
1
µA Standby Current
Industry Standard Configuration
Industrial Temperature -40
° C to +85° C
8-pin SOIC
Description
The FM24CL64 is a 64-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 10 years
while eliminating the complexities, overhead, and
system
level
reliability
problems
caused
by
EEPROM and other nonvolatile memories.
The FM24CL64 performs write operations at bus
speed. No write delays are incurred. The next bus
cycle may commence immediately without the need
for data polling. In addition, the product offers write
endurance
orders
of
magnitude
higher
than
EEPROM. Also, FRAM exhibits much lower power
during writes than EEPROM since write operations
do not require an internally elevated power supply
voltage for write circuits.
These capabilities make the FM24CL64 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time
of EEPROM
can cause
data
loss.
The
combination of features allows more frequent data
writing with less overhead for the system.
The FM24CL64 provides substantial benefits to users
of serial EEPROM, yet these benefits are available in
a hardware drop-in replacement. The FM24CL64 is
provided in industry standard 8-pin surface mount
package using a familiar two-wire protocol. It is
guaranteed over an industrial temperature range of
-40°C to +85°C.
Pin Configuration
A0
A1
A2
VSS
VDD
WP
SCL
SDA
1
2
3
4
8
7
6
5
Pin Names
Function
A0-A2
Device Select Address
SDA
Serial Data/address
SCL
Serial Clock
WP
Write Protect
VSS
Ground
VDD
Supply Voltage
Ordering Information
FM24CL64-S
8-pin SOIC


Número de pieza similar - FM24CL64-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM24CL64-S RAMTRON-FM24CL64-S Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
More results

Descripción similar - FM24CL64-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com