Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCVF2505DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCVF2505DRG4
Descripción Electrónicos  3.3-V Clock Phase-Lock Loop Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2505DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  CDCVF2505DRG4 Datasheet HTML 1Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 2Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 3Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 4Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 5Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 6Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 7Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 8Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
CDCVF2505
SCAS640G – JULY 2000 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: CDCVF2505
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 4.3 V maximum.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
4.3
V
VI
Input voltage(2)(3)
–0.5
VDD + 0.5
V
VO
Output voltage(2)(3)
–0.5
VDD + 0.5
V
IIK
Input clamp current (VI < 0 or VI > VDD)
±50
mA
IOK
Output clamp current (VO < 0 or VO > VDD)
±50
mA
IO
Continuous total output current (VO = 0 to VDD)
±50
mA
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
Machine model (MM)
±300
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
0.7 VDD
V
VIL
Low-level input voltage
0.3 VDD
V
VI
Input voltage
0
VDD
V
IOH
High-level output current
–12
mA
IOL
Low-level output current
12
mA
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance with JESD 51.
7.4 Thermal Information
THERMAL METRIC(1)
CDCVF2505
UNIT
D (SOIC)
PW (TSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
112.3
175.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.8
61.8
°C/W
RθJB
Junction-to-board thermal resistance
53.1
104.3
°C/W
ψJT
Junction-to-top characterization parameter
12.8
7.7
°C/W
ψJB
Junction-to-board characterization parameter
52.5
102.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W


Número de pieza similar - CDCVF2505DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCVF2505DRG4 TI-CDCVF2505DRG4 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505DRG4 TI1-CDCVF2505DRG4 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results

Descripción similar - CDCVF2505DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505_10 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com