Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4742A Datasheet(PDF) 4 Page - Central Semiconductor Corp

No. de pieza 1N4742A
Descripción Electrónicos  Custom bar coding for shipments
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4742A Datasheet(HTML) 4 Page - Central Semiconductor Corp

  1N4742A Datasheet HTML 1Page - Central Semiconductor Corp 1N4742A Datasheet HTML 2Page - Central Semiconductor Corp 1N4742A Datasheet HTML 3Page - Central Semiconductor Corp 1N4742A Datasheet HTML 4Page - Central Semiconductor Corp 1N4742A Datasheet HTML 5Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PDN01010
11/02/15
5/02/16
http://www.centralsemi.com
11/02/16
Summary:1 Watt, High Voltage (82V thru 100V), glass body Zener diodes manufactured in the DO-41 and MELF packages are discontinued
and now classified as End of Life (EOL).
Although Central Semiconductor Corp. makes every effort to continue to produce devices that have been proclaimed EOL (End of Life) by
various manufacturers, it is an accepted industry practice to discontinue certain devices when customer demand falls below a minimum
level of sustainability. Accordingly, the following product(s) have been transitioned to End of Life status as part of Central's
Product Management Process. Any replacement product will be noted below. The effective date for placing the last purchase order will
be six(6) months from the date of this notice and twelve(12) months from the notice date for final shipments; this may be extended if
inventory is available.
Central Part Number
_________________________
Replacement
_________________________
CLL4762A BK
N/A
CLL4762A TR
N/A
CLL4762C BK
N/A
CLL4762C TR
N/A
CLL4763A BK
N/A
CLL4763A TR
N/A
CLL4764 TR
N/A
CLL4764A BK
N/A
CLL4764A TR
N/A
1N4762A BK
N/A
1N4762A TR
N/A
1N4763A BK
N/A
1N4763A TR
N/A
1N4764 BK
N/A
1N4764 TR
N/A
1N4764A BK
N/A
1N4764A TR
N/A
Central would be happy to assist you by providing additional information or technical data to help locate an alternate source if we
have no replacement available. Please email your requests to engineering@centralsemi.com.


Número de pieza similar - 1N4742A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
1N4742A RENESAS-1N4742A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4742A ANOVA-1N4742A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
NXP Semiconductors
1N4742A PHILIPS-1N4742A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4742A VISHAY-1N4742A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Shenzhen Ping Sheng Ele...
1N4742A PFS-1N4742A Datasheet
390Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
More results

Descripción similar - 1N4742A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
1N4148 CENTRAL-1N4148 Datasheet
752Kb / 7P
   Custom bar coding for shipments
logo
HARTING Technology Grou...
09-21-000-9971 HARTING-09-21-000-9971 Datasheet
485Kb / 1P
   Han D-AV MK Coding Bar 88pcs. 5x10mm
2021-10-01
logo
Grayhill, Inc
61A32-060 GRAYHILL-61A32-060 Datasheet
432Kb / 2P
   Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
logo
Keysight Technologies
N7608B KEYSIGHT-N7608B Datasheet
1Mb / 8P
   Signal Studio for Custom Modulation
logo
Pepperl+Fuchs Inc.
H-CP PF-H-CP Datasheet
408Kb / 1P
   Coding Pins
logo
List of Unclassifed Man...
IR2E16 ETC-IR2E16 Datasheet
81Kb / 3P
   LED for Bar Graphic Display
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com