Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP101 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP101
Descripción Electrónicos  Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP101 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP101 Datasheet HTML 4Page - Texas Instruments TMP101 Datasheet HTML 5Page - Texas Instruments TMP101 Datasheet HTML 6Page - Texas Instruments TMP101 Datasheet HTML 7Page - Texas Instruments TMP101 Datasheet HTML 8Page - Texas Instruments TMP101 Datasheet HTML 9Page - Texas Instruments TMP101 Datasheet HTML 10Page - Texas Instruments TMP101 Datasheet HTML 11Page - Texas Instruments TMP101 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Diode
Sensor
∆Σ
ADC
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP100-Q1
Temperature
GND
SCL
1
2
3
6
5
4
1
2
3
6
5
4
ADD1
SDA
ADD0
V+
Diode
Sensor
∆Σ
ADC
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP101-Q1
Temperature
GND
SCL
ALERT
SDA
ADD0
V+
Temp.
Temp.
8
TMP100-Q1, TMP101-Q1
SBOS581A – SEPTEMBER 2011 – REVISED MAY 2017
www.ti.com
Product Folder Links: TMP100-Q1 TMP101-Q1
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMP100-Q1 and TMP101-Q1 devices are digital temperature sensors optimal for thermal management and
thermal protection applications. The TMP100-Q1 and TMP101-Q1 devices are Two-Wire, SMBus, and I2C
interface-compatible. These devices are specified over a operating temperature range of
−55°C to 125°C. The
Functional Block Diagram section shows the internal block diagrams of the TMP100-Q1 and TMP101-Q1
devices.
The temperature sensor in the TMP100-Q1 and TMP101-Q1 devices is the chip itself. Thermal paths run through
the package leads as well as the plastic package. The package leads provide the primary thermal path because
of the lower thermal resistance of the metal. The GND pin of the TMP100-Q1 or TMP101-Q1 is directly
connected to the metal lead frame, and is the best choice for thermal input.
8.2 Functional Block Diagram


Número de pieza similar - TMP101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP101 TI-TMP101 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101 TI-TMP101 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP101 TI-TMP101 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI-TMP101-Q1 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Descripción similar - TMP101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
   1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com