Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54FCT245CTQ Datasheet(PDF) 4 Page - Integrated Device Technology

No. de pieza 54FCT245CTQ
Descripción Electrónicos  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT245CTQ Datasheet(HTML) 4 Page - Integrated Device Technology

  54FCT245CTQ Datasheet HTML 1Page - Integrated Device Technology 54FCT245CTQ Datasheet HTML 2Page - Integrated Device Technology 54FCT245CTQ Datasheet HTML 3Page - Integrated Device Technology 54FCT245CTQ Datasheet HTML 4Page - Integrated Device Technology 54FCT245CTQ Datasheet HTML 5Page - Integrated Device Technology 54FCT245CTQ Datasheet HTML 6Page - Integrated Device Technology 54FCT245CTQ Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
4
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC = Max.
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
0.15
0.25
mA/
Current(4)
Outputs Open
VIN = GND
MHz
OE = T/R = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
1.5
3.5
mA
Outputs Open
VIN = GND
fi = 10MHz
50% Duty Cycle
VIN = 3.4V
1.8
4.5
OE = T/R = GND
VIN = GND
One Bit Toggling
VCC = Max.
VIN = VCC
—3
6(5)
Outputs Open
VIN = GND
fi = 2.5MHz
50% Duty Cycle
VIN = 3.4V
5
14(5)
OE = T/R = GND
VIN = GND
Eight Bits Toggling
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input; (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of
ΔICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fCP/2+ fiNi)
ICC = Quiescent Current
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Output Frequency
Ni = Number of Outputs at fi
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS


Número de pieza similar - 54FCT245CTQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245D NSC-54FCT245D Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245DMQB NSC-54FCT245DMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245F NSC-54FCT245F Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245FMQB NSC-54FCT245FMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
More results

Descripción similar - 54FCT245CTQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com