Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC3564B Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LC3564B
Descripción Electrónicos  64K (8192-word8-bit) SRAM with OE, CE1, and CE2 Control Pins
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564B Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC3564B Datasheet HTML 1Page - Sanyo Semicon Device LC3564B Datasheet HTML 2Page - Sanyo Semicon Device LC3564B Datasheet HTML 3Page - Sanyo Semicon Device LC3564B Datasheet HTML 4Page - Sanyo Semicon Device LC3564B Datasheet HTML 5Page - Sanyo Semicon Device LC3564B Datasheet HTML 6Page - Sanyo Semicon Device LC3564B Datasheet HTML 7Page - Sanyo Semicon Device LC3564B Datasheet HTML 8Page - Sanyo Semicon Device LC3564B Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
No. 5804-3/9
LC3564B, BS, BM, BT-70/10
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Input voltage
VIN
–0.3* to VCC + 0.3
V
I/O voltage
VI/O
–0.3 to VCC + 0.3
V
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Note: For pulse widths less than 30 ns: –3.0 V
Note: These parameters are sampled, and are not measured for every unit.
Note: For pulse widths less than 30 ns: –3.0 V
Note *: Reference values at VCC = 5 V, Ta = 25°C
[5-V Operation]
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
I/O pin capacitance
CI/O
VI/O = 0 V
6
10
pF
Input pin capacitance
CIN
VIN = 0 V
6
10
pF
Input and Output Capacitances at Ta = 25°C, f = 1 MHz
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
4.5
5.0
5.5
V
Input voltage
VIH
2.2
VCC + 0.3
V
VIL
–0.3*
+0.8
V
DC Allowable Operating Ranges at Ta = –40 to +85°C, VCC = 4.5 to 5.5 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ *
max
Input leakage current
ILI
VIN = 0 to VCC
–1.0
+1.0
µA
I/O leakage current
ILO
VCE1 = VIH or VCE2 = VIL or VOE = VIH or
–1.0
+1.0
µA
VWE = VIL, VI/O = 0 to VCC
Output high-level voltage
VOH
IOH = –1.0 mA
2.4
V
Output low-level voltage
VOL
IOL = 2.0 mA
0.4
V
VCE1 ≤ 0.2 V, VCE2 ≥ VCC – 0.2 V,
Ta
≤ 70°C
0.01
1.0
µA
ICCA1
II/O = 0 mA, VIN ≤ 0.2 V or
VCC – 0.2 V/0.2 V
VIN ≥ VCC – 0.2 V
Ta
≤ 85°C
3.0
inputs
min
LC3564B,BS, BM, BT-70
35
mA
ICCA4
cycle
LC3564B,BS,BM,BT-10
30
1 µs cycle
4
mA
Operating supply current
ICCA2
VCE1 = VIL, VCE2 = VIH, II/O = 0 mA,
7
mA
VIN = VIH or VIL
TTL inputs
min
LC3564B,BS, BM, BT-70
40
mA
ICCA3
cycle
LC3564B,BS,BM,BT-10
35
1 µs cycle
7
mA
Standby mode supply
VCC – 0.2 V/0.2 V
VCE2 ≤ 0.2 V or
Ta
≤ 70°C
0.01
1.0
µA
current
inputs
ICCS1
VCE1 ≥ VCC – 0.2 V
VCE2 ≥ VCC – 0.2 V
Ta
≤ 85°C
3.0
TTL inputs
ICC2
VCE2 = VIL or VCE1 = VIH, VIN = 0 to VCC
2.0
mA
DC Electrical Characteristics at Ta = –40 to +85°C, VCC = 4.5 to 5.5 V
VCE1 ≤ 0.2 V,
VCE2 ≥ VCC – 0.2 V,
II/O = 0 mA,
DUTY = 100%
VCE1 = VIL,
VCE2 = VIH,
II/O = 0 mA,
DUTY = 100%


Número de pieza similar - LC3564B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-55U SANYO-LC3564CM-55U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-70U SANYO-LC3564CM-70U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT SANYO-LC3564CT Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT-55U SANYO-LC3564CT-55U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

Descripción similar - LC3564B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
More results


Html Pages

1 2 3 4 5 6 7 8 9