Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD1040CS Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza BD1040CS
Descripción Electrónicos  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD1040CS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BD1040CS_16 Datasheet HTML 1Page - Pan Jit International Inc. BD1040CS_16 Datasheet HTML 2Page - Pan Jit International Inc. BD1040CS_16 Datasheet HTML 3Page - Pan Jit International Inc. BD1040CS_16 Datasheet HTML 4Page - Pan Jit International Inc. BD1040CS_16 Datasheet HTML 5Page - Pan Jit International Inc. BD1040CS_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PBD1040CS~BD10200CS
May 26,2016-REV.04
Page 1
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Voltage
40~200 V
Current
10 A
Features
 Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
 For through hole applications
 Low power loss, High efficiency
 High surge capacity
 For use in low voltage, high frequency inverters free wheeling, and
polarity protection applications
 Lead free in compliance with EU RoHS 2011/65/EU directive.
 Green molding compound as per IEC61249 Std..(Halogen Free)
Mechanical Data
 Case: TO-252 Molded plastic
 Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
 Polarity: As marking
 Standard packaging: 16mm tape (EIA-481)
 Approx. Weight: 0.0104 ounces, 0.297 grams
 Marking: Part number
Note: Both Bonding and Chip structure are available.
Maximum Ratings (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
BD1040CS
BD1045CS
BD1050CS
BD1060CS
BD1080CS
BD1090CS
BD10100CS
BD10150CS
BD10200CS
UNIT
Maximum repetitive peak reverse voltage
VRRM
40
45
50
60
80
90
100
150
200
V
Maximum rms voltage
VRMS
28
31.5
35
42
56
63
70
105
140
V
Maximum dc blocking voltage
VR
40
45
50
60
80
90
100
150
200
V
Maximum average forward rectified current
IF(AV)
10
A
Peak forward surge current : 8.3ms single half
sine-wave superimposed on rated load
IFSM
100
A
Maximum forward voltage at 5A per diode
VF
0.7
0.75
0.8
0.9
V
Maximum dc reverse current at
rated dc blocking voltage
TJ=25
oC
TJ=100
oC
IR
0.05
20
mA
Typical thermal resistance
RJC
3
oC/W
Operating junction and storage temperature
range
TJ,TSTG
-55 to +150
-65 to +175
oC


Número de pieza similar - BD1040CS_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BD1040CS PANJIT-BD1040CS Datasheet
106Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
BD1040CS ZSELEC-BD1040CS Datasheet
148Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
More results

Descripción similar - BD1040CS_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com