Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M74HCT573TTR Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza M74HCT573TTR
Descripción Electrónicos  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT573TTR Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT573TTR Datasheet HTML 1Page - STMicroelectronics M74HCT573TTR Datasheet HTML 2Page - STMicroelectronics M74HCT573TTR Datasheet HTML 3Page - STMicroelectronics M74HCT573TTR Datasheet HTML 4Page - STMicroelectronics M74HCT573TTR Datasheet HTML 5Page - STMicroelectronics M74HCT573TTR Datasheet HTML 6Page - STMicroelectronics M74HCT573TTR Datasheet HTML 7Page - STMicroelectronics M74HCT573TTR Datasheet HTML 8Page - STMicroelectronics M74HCT573TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2001
s
HIGH SPEED:
tPD = 21ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 573
DESCRIPTION
The M74HCT573 is an high speed CMOS OCTAL
LATCH WITH 3-STATE OUTPUTS fabricated
with silicon gate C2MOS technology.
This 8-BIT D-Type latches is controlled by a latch
enable input (LE) and output enable input (OE).
While the LE input is held at a high level, the Q
outputs will follow the data input precisely. When
the LE is taken low, the Q outputs will be latched
precisely at the logic level of D input data.
While the OE input is at low level, the eight outputs
will be in a normal logic state (high or low logic
level) and while OE is at high level the outputs will
be in a high impedance state.
The 3-State output configuration and the wide
choice of outline make bus organized system
simple.
The M74HCT573 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT573
OCTAL D-TYPE LATCH
WITH 3 STATE OUTPUT NON INVERTING
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT573B1R
SOP
M74HCT573M1R
M74HCT573RM13TR
TSSOP
M74HCT573TTR
TSSOP
DIP
SOP


Número de pieza similar - M74HCT573TTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HCT573B1R STMICROELECTRONICS-M74HCT573B1R Datasheet
269Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
M74HCT573C1R STMICROELECTRONICS-M74HCT573C1R Datasheet
269Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
M74HCT573M1R STMICROELECTRONICS-M74HCT573M1R Datasheet
269Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
More results

Descripción similar - M74HCT573TTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HCT373 STMICROELECTRONICS-M74HCT373 Datasheet
230Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74ACT373 STMICROELECTRONICS-74ACT373 Datasheet
90Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
April 1997
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHCT573A STMICROELECTRONICS-74VHCT573A Datasheet
74Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com