Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES1B Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

No. de pieza ES1B
Descripción Electrónicos  SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HY [HY ELECTRONIC CORP.]
Página de inicio  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ES1B Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  ES1B Datasheet HTML 1Page - HY ELECTRONIC CORP. ES1B Datasheet HTML 2Page - HY ELECTRONIC CORP. ES1B Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Super fast switching time for high efficiency
Low forward voltage drop and
high current capability
Low reverse leakage current
Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Case: Molded Plastic
Polarity: lndicated by cathode band
Weight: 0.002 ounces,0.053 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
ES1A
ES1B
ES1D
ES1G
ES1J
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 1.0A DC
VF
1.3
1.70
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
ES1A thru ES1J
SURFACE MOUNT SUPER FAST
GLASS PASSIVATED RECTIFERS
REVERSE VOLTAGE
- 50
to 600 Volts
FORWARD CURRENT - 1.0 Ampere
Dimensions in inches and (millimeters)
I(AV)
1.0
A
IFSM
30
A
0.95
IR
5.0
μA
100
35
30
25
40
3.Thermal resistance junction to ambient.
-55 to +150
-55 to +150
NOTES: 1.Measured with IF=0.5A, IR=1A, IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
SMA
.049(1.25)
.065(1.65)
.114(2.90)
.093(2.35)
.181(4.60)
.157(4.00)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Número de pieza similar - ES1B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
ES1B PANJIT-ES1B Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
BaiDu Micro electrons C...
ES1B BAIDUMICRO-ES1B Datasheet
163Kb / 2P
   SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFERS
logo
Shanghai Shunye Electro...
ES1B SY-ES1B Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
RFE international
ES1B RFE-ES1B Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
logo
General Semiconductor
ES1B GE-ES1B Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Descripción similar - ES1B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Yixinwei Techn...
ES3A YIXIN-ES3A_08 Datasheet
208Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
HY ELECTRONIC CORP.
ES2AA HY-ES2AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A_17 Datasheet
156Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB_17 Datasheet
135Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB Datasheet
89Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES2AA HY-ES2AA Datasheet
88Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A Datasheet
89Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
List of Unclassifed Man...
FS3A ETC1-FS3A Datasheet
87Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFERS
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com