|
| NTE1072 |
|
|||
|
NTE |
|
|
1 page
NTE1072 Integrated Circuit FM–AM IF Amp & AF Amp Absolute Maximum Ratings: (TA = +25°C unles otherwise specified) Supply Voltage (VCC), V8–3 7.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Circuit Current, I7 20mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total Circuit Current, Itot 40mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total Power Dissipation, PT 300mW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Temperature Range, Topr –20 ° to +75°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg –65 ° to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrical Characteristics: (VCC = 5V, TA = +25°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Total Circuit Current Itot 5.4 15 23.5 mA Circuit Current I7 V7/100Ω 3.6 5.7 7.7 mA I9 0.9 2.5 3.75 mA Bias Reference Voltage V12–16 1.25 1.5 1.75 V Detection Output Voltage FM–IF VO(FM) f = 10.7MHz, VIN = 10µV 1.8 3 5 mV AM–IF VO(AM) f = 455kHz, VIN = 32µV 2.2 3.5 5.6 mV Output Noise Voltage VN Rg = 5kΩ – – 1.2 mV Output Voltage V7–3 f = 1kHz, VIN = 1mV 0.35 0.47 0.56 V VCC FM Detector Circuit Bypass Bypass Bypass AM IF Amp Circuit AM Detector Circuit AM Detector Circuit AF Output GND AF Circuit AF Circuit FM Detector Circuit IF Input AM/FM IF Amp Circuit AF Input 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 Pin Connection Diagram .260 (6.6) Max 16 9 18 .785 (19.9) Max .200 (5.08) Max .245 (6.22) Min .300 (7.62) .700 (17.7) .100 (2.54) |
|
1
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1060 | Integrated Circuit AM-RF Amp Mix/OSC FM-AM IF Amp | 1 2 | NTE Electronics |
| NTE1014 | Integrated Circuit Module - Hybrid RF Amp/OSC | 1 2 | NTE Electronics |
| NTE1242 | Integrated Circuit FM/AM IF Amp AM Converter | 1 2 | NTE Electronics |
| NTE1375 | Integrated Circuit Audio Power Amp for Car Radio 5.8W | 1 2 | NTE Electronics |
| NTE1785 | Integrated Circuit TV IF Amp w/Demod and AFC For PNP Tuners | 1 2 3 | NTE Electronics |
| NTE1019 | Integrated Circuit Module Hybrid Low Noise Equalizer Amp | 1 2 | NTE Electronics |
| NTE1383 | Integrated Circuit Dual Audio Power Amp 5.1W/Ch 10.5W BTL | 1 2 3 | NTE Electronics |
| NTE1578 | Integrated Circuit FM Mixer/IF Amp | 1 2 | NTE Electronics |
| NTE1794 | Integrated Circuit Volatge Controlled Amp VCA for dbx Noise Reduction System | 1 2 | NTE Electronics |
| NTE825 | Integrated Circuit Battery Operated Audio Amp | 1 2 3 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |