Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST3243ECTR-E Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza ST3243ECTR-E
Descripción Electrónicos  Guaranteed 6 V/ms slew rate range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243ECTR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3243ECTR-E Datasheet HTML 5Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 6Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 7Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 8Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 9Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 10Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 11Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 12Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ST3243EB, ST3243EC
Electrical characteristics
Doc ID 8648 Rev 12
9/16
C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified.
Typical values are referred to TA = 25 °C.
C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified.
Typical values are referred to TA = 25 °C.
Table 11.
Receiver electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VRIN
Receiver input voltage
operating range
-25
25
V
VRIL
RS-232 Input threshold
low
TA = 25°C, VCC = 3.3 V
TA = 25°C, VCC = 5.0 V
0.6
0.8
1.1
1.4
V
VRIH
RS-232 Input threshold
high
TA = 25°C, VCC = 3.3 V
TA = 25°C, VCC = 5.0 V
1.6
1.9
2.4
2.4
V
VRIHYS
Input hysteresis
0.5
V
RRIN
Input resistance
TA = 25°C
3
5
7
k
Ω
Table 12.
Timing characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
RL = 3kΩ, CL= 1000 pF one transmitter
switching
250
400
kbps
tPHL
tPLH
Receiver propagation
delay
RIN to ROUT, CL = 150 pF
0.15
µs
tT_SKEW
Transmitter skew
150
ns
tR_SKEW
Receiver skew
70
ns
SRT
Transition slew rate
TA = 25°C RL = 3k to 7kΩ, VCC = 3.3 V
measured from +3 V to -3 V or -3 V to +3 V
CL = 150 pF to 1000 pF
CL = 150 pF to 2500 pF
6
4
30
30
V/µs
V/µs


Número de pieza similar - ST3243ECTR-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
   (,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
More results

Descripción similar - ST3243ECTR-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIP32508 VISHAY-SIP32508_V01 Datasheet
274Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
01-Jan-2022
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
   1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
Rev. C, 08-Jul-13
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
Rev. B, 29-Feb-16
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
   1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
01-Jan-2022
logo
Renesas Technology Corp
READ2304G RENESAS-READ2304G Datasheet
1Mb / 10P
   High Drivability & High Slew Rate, Input Output Full Range,
2020.08.20
logo
ON Semiconductor
FPF2411 ONSEMI-FPF2411 Datasheet
1,011Kb / 13P
   6 V / 6 A - Rated Bi-Directional Switch with Slew Rate Control and RCB
August-2017 ??Rev. 2
logo
Renesas Technology Corp
READ4354J RENESAS-READ4354J Datasheet
1Mb / 9P
   High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
READ2354J RENESAS-READ2354J Datasheet
923Kb / 9P
   High Drivability & High Slew Rate, Input Output Full Range,
2022.5.12
READ4304G RENESAS-READ4304G Datasheet
1Mb / 9P
   High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com