Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA501A Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STA501A
Descripción Electrónicos  45V 3.5A DOUBLE POWER HALF BRIDGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA501A Datasheet(HTML) 6 Page - STMicroelectronics

  STA501A Datasheet HTML 1Page - STMicroelectronics STA501A Datasheet HTML 2Page - STMicroelectronics STA501A Datasheet HTML 3Page - STMicroelectronics STA501A Datasheet HTML 4Page - STMicroelectronics STA501A Datasheet HTML 5Page - STMicroelectronics STA501A Datasheet HTML 6Page - STMicroelectronics STA501A Datasheet HTML 7Page - STMicroelectronics STA501A Datasheet HTML 8Page - STMicroelectronics STA501A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA501A
6/9
Figure 5. Test Circuit.
Figure 6.
Figure 7.
Low current dead time = MAX(DTr,DTf)
OUTY
Vcc
(3/4)Vcc
(1/2)Vcc
(1/4)Vcc
t
DTf
DTr
Duty cycle = 50%
INY
OUTY
gnd
+Vcc
M58
M57
R 8
+
-
V67 =
vdc = Vcc/2
D02AU1448
INA
INB
+VCC
Q1
Q3
Q2
Q4
OUTA
GND
OUTB
D02AU1450
High Current Dead time for Bridge application = ABS(DTout(A)-DTin(A))+ABS(DTOUT(B)-DTin(B))
+VCC
Rload=8
Q2
OUTB
DTout(B)
DTin(B)
DTout(A)
C71 470nF
C70
470nF
C69
470nF
Iout=3.5A
Iout=3.5A
Q4
Q1
Q3
M64
INB
M63
D02AU1451
M58
INA
M57
DTin(A)
Duty cycle=A
Duty cycle=B
Duty cycle A and B: Fixed to have DC output current of 3.5A in the direction shown in figure
L68 22
µ
L67 22
µ
OUTA
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - STA501A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STA501A SANKEN-STA501A Datasheet
12Kb / 1P
   N-channel General purpose
More results

Descripción similar - STA501A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
   40V 3.5A DOUBLE POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
STA518 STMICROELECTRONICS-STA518 Datasheet
349Kb / 19P
   40V 3.5A quad power half bridge
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
   40V 3.5A QUAD POWER HALF BRIDGE
STA506A STMICROELECTRONICS-STA506A_04 Datasheet
642Kb / 14P
   45V 4A QUAD POWER HALF BRIDGE
logo
Monolithic Power System...
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
   16V, 3.5A Quad Channel Power Half-Bridge
logo
Infineon Technologies A...
TLE6208-6 INFINEON-TLE6208-6 Datasheet
563Kb / 23P
   Hex-Half-Bridge / Double Six-Driver
2001-11-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com