Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA10932 Datasheet(PDF) 1 Page - Cree, Inc

No. de pieza CA10932
Descripción Electrónicos  Flare series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CA10932 Datasheet(HTML) 1 Page - Cree, Inc

  CA10932 Datasheet HTML 1Page - Cree, Inc CA10932 Datasheet HTML 2Page - Cree, Inc CA10932 Datasheet HTML 3Page - Cree, Inc CA10932 Datasheet HTML 4Page - Cree, Inc CA10932 Datasheet HTML 5Page - Cree, Inc CA10932 Datasheet HTML 6Page - Cree, Inc CA10932 Datasheet HTML 7Page - Cree, Inc CA10932 Datasheet HTML 8Page - Cree, Inc CA10932 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PRODUCT DATASHEET
Flare series
last update 21/12/2016
DETAILS
Product Number
CA10932_FLARE-B
Family
Flare
Type
Assembly
Color
clear
Diameter
29 x 22,8 mm
Height
12,84 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
tape, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
21/12/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
102+10 deg
REC-class
93 %
1.750
-
XP-G
118+15 deg
REC-class
93 %
1.000
-
XB-D
10+108 deg
REC-class
93 %
1.520
-
XP-E2
11+101 deg
REC-class
94 %
2.300
-
LUXEON Rebel
101+14 deg
REC-class
93 %
1.700
-
LUXEON Rebel ES
12+104 deg
REC-class
94 %
1.370
-
LUXEON T
13+105 deg
REC-class
93 %
1.500
-
LUXEON H50-2
sim: 13+90
REC-class
sim: 95 % sim: 2.100 -
LUXEON TX
14+114 deg
REC-class
93 %
1.600
-
NCSxx19A
9+88 deg
REC-class
94 %
2.040
-
NCSxx19B
11+103 deg
REC-class
94 %
1.850
-
NVSxx19B/NVSxx19C
14+110 deg
REC-class
96 %
1.600
-
Oslon SSL 80
83+11 deg
REC-class
93 %
2.200
-
Oslon SSL 150
9+117 deg
REC-class
93 %
1.600
-
Oslon Square EC
12+104 deg
REC-class
-
-
-
Z5
12+96 deg
REC-class
-
-
-
Double Dome (GM2BB)
104+10 deg
REC-class
-
-
-
June 7th 2017 4:32 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Número de pieza similar - CA10932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
CA10932 LEDIL-CA10932 Datasheet
7Mb / 9P
   29 x 23 mm lens with ~100째 x 10째 oval beam
More results

Descripción similar - CA10932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
C12763 CREE-C12763 Datasheet
1Mb / 25P
   Flare series
CA13057 CREE-CA13057 Datasheet
1Mb / 31P
   Flare series
CA12838 CREE-CA12838 Datasheet
2Mb / 41P
   Flare series
C14613 CREE-C14613 Datasheet
686Kb / 9P
   Flare series
CA12764 CREE-CA12764 Datasheet
2Mb / 39P
   Flare series
C12837 CREE-C12837 Datasheet
1Mb / 27P
   Flare series
C13015 CREE-C13015 Datasheet
971Kb / 20P
   Flare series
C13012 CREE-C13012 Datasheet
3Mb / 59P
   Flare series
C13016 CREE-C13016 Datasheet
1Mb / 22P
   Flare series
CA13058 CREE-CA13058 Datasheet
1Mb / 27P
   Flare series
CA14366 CREE-CA14366 Datasheet
976Kb / 15P
   Flare series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com