Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB1620DC_T0_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza SB1620DC_T0_00001
Descripción Electrónicos  SURFACE SCHOTTKY BARRIER RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1620DC_T0_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB1620DC_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. SB1620DC_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. SB1620DC_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. SB1620DC_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc. SB1620DC_T0_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 2,2016-REV.04
SB1620DC SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
SURFACE SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volt
16 Ampere
CURRENT
MECHANICAL DATA
• Case: TO-263/D2PAK molded plastic package
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.0514 ounces, 1.46 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
0.409(10.4)
0.387(9.80)
0.110(2.8)
0.055(1.4)
0.039(1.0)
0.108(2.75)
0.092(2.35)
0.108(2.75)
0.092(2.35)
0.35(0.9)MAX.
0.189(4.8)
0.137(4.4)
0.055(1.4)
0.047(1.2)
0.026(0.7)
0.011(0.3)
0.236(6.0)
0.197(5.0)
PA RA M E TE R
S YM B O L S B 1620D C
S B 1 6 30DC
S B 1 6 40DC
S B 1 650 D C
S B 1 660 D C
UNITS
M a xi m um Re c ur rent P e ak Re ve r s e Vo lt ag e
V
RRM
2 0
3 0
40
50
60
V
Ma xi mum RM S Vo lt a g e
V
RMS
1 4
21
28
35
42
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
2 0
3 0
40
50
60
V
M a xi m um A ve r ag e F o r war d
Cur rent l e ad le ng t h at
Tc = 7 5 OC
I
F( AV )
16
A
P e a k Forwa r d S ur g e C urr ent : 8 . 3 m s s i ng l e ha lf
s i ne - wa ve s up e ri m p os ed on r a t e d lo a d
I
FS M
15 0
A
M a xi m um F o r war d Vo lt ag e a t 8 . 0A p e r le g
V
F
0. 5 5
0. 7 5
V
Ma xi mum D C Re ve rs e C ur r e nt a t Ra te d
DC B loc k i ng Vo l tag
T
J =2 5
OC
T
J =1 0 0
OC
I
R
0. 2
50
mA
Typ i c a l The r m a l Re s i s t a nc e
R
θJC
2. 0
OC / W
Op er at i ng J unc t i on Te m p er a t ur e Ra ng e
TJ
- 5 5 t o + 1 25
- 5 5 t o + 1 50
OC
S t orag e Te m p e r a t ur e Ra ng e
TSTG
-5 5 t o +1 5 0
OC


Número de pieza similar - SB1620DC_T0_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB1620DC-T3 WTE-SB1620DC-T3 Datasheet
44Kb / 3P
   16A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SB1620DC_T0_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB1620DC PANJIT-SB1620DC_10 Datasheet
52Kb / 2P
   SURFACE SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com