Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC15465 Datasheet(PDF) 3 Page - Cree, Inc

No. de pieza FC15465
Descripción Electrónicos  Florentina series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

FC15465 Datasheet(HTML) 3 Page - Cree, Inc

  FC15465 Datasheet HTML 1Page - Cree, Inc FC15465 Datasheet HTML 2Page - Cree, Inc FC15465 Datasheet HTML 3Page - Cree, Inc FC15465 Datasheet HTML 4Page - Cree, Inc FC15465 Datasheet HTML 5Page - Cree, Inc FC15465 Datasheet HTML 6Page - Cree, Inc FC15465 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
2/3
SIZE
A3
DRAWING TITLE
FLORENTINA-2X2 OPEN assembly
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
5 3
4 0
Top view
Scale:
1:1
minimum distances between modules
A
3 1
Detail A
Recommended to
customer use
31x31mm opening in
front panel
Front view
Scale:
1:1
B
Detail B


Número de pieza similar - FC15465

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
FC15461 CREE-FC15461 Datasheet
772Kb / 7P
   Florentina series
FC15464 CREE-FC15464 Datasheet
770Kb / 7P
   Florentina series
FC15467 CREE-FC15467 Datasheet
767Kb / 7P
   Florentina series
More results

Descripción similar - FC15465

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
FC15725 CREE-FC15725 Datasheet
1Mb / 19P
   Florentina series
FC15726 CREE-FC15726 Datasheet
1Mb / 19P
   Florentina series
FCA15450 CREE-FCA15450 Datasheet
165Kb / 4P
   Florentina series
FC14971 CREE-FC14971 Datasheet
878Kb / 11P
   Florentina series
FC15724 CREE-FC15724 Datasheet
1Mb / 17P
   Florentina series
FC14975 CREE-FC14975 Datasheet
1Mb / 15P
   Florentina series
FCA15451 CREE-FCA15451 Datasheet
185Kb / 4P
   Florentina series
FC15718 CREE-FC15718 Datasheet
1Mb / 15P
   Florentina series
FC14974 CREE-FC14974 Datasheet
1Mb / 17P
   Florentina series
FC14973 CREE-FC14973 Datasheet
1Mb / 17P
   Florentina series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com