Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS1545G Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STPS1545G
Descripción Electrónicos  POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1545G Datasheet(HTML) 7 Page - STMicroelectronics

  STPS1545G Datasheet HTML 1Page - STMicroelectronics STPS1545G Datasheet HTML 2Page - STMicroelectronics STPS1545G Datasheet HTML 3Page - STMicroelectronics STPS1545G Datasheet HTML 4Page - STMicroelectronics STPS1545G Datasheet HTML 5Page - STMicroelectronics STPS1545G Datasheet HTML 6Page - STMicroelectronics STPS1545G Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
STPS1545D/F/FP/R/G
7/7
Type
Marking
Package
Weight
Base qty
Delivery mode
STPS1545D
STPS1545D
TO-220AC
1.86 g
50
Tube
STPS1545F
STPS1545F
ISOWATT220AC
2.0 g
50
Tube
STPS1545FP
STPS1545FP
TO-220FPAC
1.9 g
50
Tube
STPS1545R
STPS1545R
I
2PAK
1.7 g
50
Tube
STPS1545G
STPS1545G
D
2PAK
1.48 g
50
Tube
STPS1545G-TR
STPS1545G
D
2PAK
1.48 g
1000
Tape & Reel
s
Cooling method: by conduction (C)
s
Recommended torque value: 0.55 N.m.
s
Maximum torque value: 0.7 N.m.
s
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
TO-220AC
A
C
D
E
M
L7
H2
Ø I
L5
L6
L9
L4
G
F1
F
L2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151


Número de pieza similar - STPS1545G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS1545 STMICROELECTRONICS-STPS1545 Datasheet
89Kb / 6P
   POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 5F
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C STMICROELECTRONICS-STPS1545C Datasheet
144Kb / 9P
   Power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS1545CF STMICROELECTRONICS-STPS1545CF Datasheet
84Kb / 7P
   POWER SCHOTTKY RECTIFIER
June 1999 - Ed: 4B
More results

Descripción similar - STPS1545G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com