|
| NTE1161 |
|
||
|
NTE |
|
1 page
NTE1161 Integrated Circuit TV Video/Sound IF Amp, Detector Features: D Video IF Amplifier, Synchronous Detector D Video Differential Amplifier D AFT Carrier Amplifier D Sound IF Amplifier D FM Differenial Peak Detector D DC Sound Volume Control Circuit D Sound Preamplifier Circuit Absoulte Maximum Ratings: (TA = +25°C unless otherwise specified) Supply Voltage (Note 1), VCC 14.4V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Current, ICC 77mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Power Dissipation, PD 1.11W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Ambient Temperature Range, Topr –20 ° to +70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg –40 ° to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 1. A continuous operation voltage must be set within a proper range so that the dissipation does not exceed 1.11W. Electrical Characteristics: (TA = +25°c unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Total Circuit Current I26 V26–4 = 12V 24 30 36 mA Video Circuit Max. Output Voltage Amplitude VOD–N•P fo = 58.75MHz 3.0 4.0 – VP–P Output Signal Voltage VO–N•P fo = 58.75MHz, fm = 400Hz, 280 420 560 mVrms VO–N m = 40%, Vi = 20mVrms 5 20 80 mVrms Selection Circuit Capacitance Ct f = 58.75MHz 7 12 17 pF |
|
1 2 3
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1580 | Integrated Circuit IF Amp & Detector | 1 2 3 | NTE Electronics |
| NTE1616 | Integrated Circuit TV Sound IF Amp/Detector Driver | 1 2 | NTE Electronics |
| NTE1162 | Integrated Circuit TV Sound IF Amp & FM Detector | 1 2 | NTE Electronics |
| NTE1014 | Integrated Circuit Module - Hybrid RF Amp/OSC | 1 2 | NTE Electronics |
| NTE1242 | Integrated Circuit FM/AM IF Amp AM Converter | 1 2 | NTE Electronics |
| NTE1375 | Integrated Circuit Audio Power Amp for Car Radio 5.8W | 1 2 | NTE Electronics |
| NTE1785 | Integrated Circuit TV IF Amp w/Demod and AFC For PNP Tuners | 1 2 3 | NTE Electronics |
| NTE712 | Integrated Circuit TV/FM Sound IF Detector | 1 2 3 | NTE Electronics |
| NTE974 | Integrated Circuit Phase-Frequency Detector | 1 2 3 4 | NTE Electronics |
| NTE1019 | Integrated Circuit Module Hybrid Low Noise Equalizer Amp | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |