Nombre de pieza
         Descripción
NTE1161

 Integrated Circuit TV Video/Sound IF Amp, Detector ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°c unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
AFT Output Voltage
VO(AFT)
fo = 58.75MHz, m = 40%,
250
350
500
mVrms
Sound Detection Output Voltage
VO(S)
Vi = 20mVrms
280
420
560
mVrms
IF Amplifier
Input Limiting Voltage
Vi(lim)
fo = 4.5MHz, fm = 400Hz,
∆f = ±25kHz
250
400
µV
AM Rejection Ratio
AMR
fo = 4.5MHz, fm = 400Hz,
m = 30% (AM), Vi = 100mVrms
50
dB
Total Detection Output
VO
fo = 4.5MHz, fm = 400Hz,
∆f = ±25kHz, V17–9 = 0, V1 = 100mV
0.45
0.65
0.85
Vrms
Maximum Attenuation
GR
fo = 4.5MHz, fm = 400Hz,
±
75
dB
Half Detection Output
VO/2
∆f = ±25kHz, Vi = 100V
0.22
0.32
0.42
Vrms
Audio Preamplifier
Voltage Gain
GV
f = 400Hz, VO = 1Vrms
22.7
24.0
25.6
dB
Leak Signal Output
VO(leak)
fo = 4.5MHz, fm = 400Hz,
∆f = ±25kHz, Vi = 100V
0.8
mVrms
Output Noise Voltage
Vno
Vin = 0, Pin17–16 shorted
1
mVrms
VCC
Pin Connection Diagram
VCC
AFT Carrier Output
Quadrature Coil
DC Bias Feedback
Sync Pos Video Out
Sync Neg Video Out
1
2
3
4
Bypass Capacitor
IF Input
N.C.
GND
5
SIF Output
6
Bandpass Filter
7
Bandpass Filter
8
28
27
26
25
Pix IF Tank Circuit
Pix IF tank Circuit
N.C.
24
Test Point
23
22
21
9
GND
20
To Audio Output
Audio Preamp Input
10
Sound IF Input
11
19
18
DC Volume Control
12
17
DC Volume Control
13
Quadrature Coil
16
14
N.C.
15
Det Output
Tone Control Network

1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE1580Integrated Circuit IF Amp & Detector 1 2 3 NTE Electronics
NTE1616Integrated Circuit TV Sound IF Amp/Detector Driver 1 2 NTE Electronics
NTE1162Integrated Circuit TV Sound IF Amp & FM Detector 1 2 NTE Electronics
NTE1014Integrated Circuit Module - Hybrid RF Amp/OSC 1 2 NTE Electronics
NTE1242Integrated Circuit FM/AM IF Amp AM Converter 1 2 NTE Electronics
NTE1375Integrated Circuit Audio Power Amp for Car Radio 5.8W 1 2 NTE Electronics
NTE1785Integrated Circuit TV IF Amp w/Demod and AFC For PNP Tuners 1 2 3 NTE Electronics
NTE712Integrated Circuit TV/FM Sound IF Detector 1 2 3 NTE Electronics
NTE974Integrated Circuit Phase-Frequency Detector 1 2 3 4 NTE Electronics
NTE1019Integrated Circuit Module Hybrid Low Noise Equalizer Amp 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl