Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2149BN Datasheet(PDF) 11 Page - Toshiba Semiconductor

No. de pieza TA2149BN
Descripción Electrónicos  3 V AM/FM 1 Chip Tuner IC (for Digital Tuning System)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2149BN Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA2149BN Datasheet HTML 7Page - Toshiba Semiconductor TA2149BN Datasheet HTML 8Page - Toshiba Semiconductor TA2149BN Datasheet HTML 9Page - Toshiba Semiconductor TA2149BN Datasheet HTML 10Page - Toshiba Semiconductor TA2149BN Datasheet HTML 11Page - Toshiba Semiconductor TA2149BN Datasheet HTML 12Page - Toshiba Semiconductor TA2149BN Datasheet HTML 13Page - Toshiba Semiconductor TA2149BN Datasheet HTML 14Page - Toshiba Semiconductor TA2149BN Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TA2149BN/BFN
2001-12-21
11
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input resistance
RIN
¾
¾
¾
55
¾
k
W
Output resistance
ROUT
¾
¾
¾
5
¾
k
W
Max. composite signal input
voltage
Vin MAX
(Stereo)
¾
L
+ R = 90%, P = 10%,
SW3: LPF ON
fm = 1 kHz, THD = 3%
¾
700
¾
mVrms
fm = 100 Hz
¾
45
¾
fm = 1 kHz
35
45
¾
Separation
Sep.
¾
L
+ R =
180 mVrms,
P
= 20 mVrms
SW3: LPF ON
fm = 10 kHz
¾
45
¾
dB
Monaural
THD
(Monaural)
¾
Vin = 200 mVrms
¾
0.3
¾
Total harmonic
distortion
Stereo
THD
(Stereo)
¾
L+R
= 180 mVrms,
P
= 20 mVrms, SW3: LPF ON
¾
0.3
¾
%
Voltage gain
GV
¾
Vin = 200 mVrms
-2.7
-1.2
0.2
dB
Channel balance
C.B.
¾
Vin = 200 mVrms
-1.5
0
1.5
dB
ON
VL (ON)
¾
¾
10
14
Stereo LED
sensitivity
OFF
VL (OFF)
¾
Pilot input (19 kHz)
5
8
¾
mVrms
Stereo LED hysteresis
VH
¾
To LED turn off from LED turn
on
¾
2
¾
mVrms
Capture range
C.R.
¾
P
= 15 mVrms
¾
±8
¾
%
MPX
Signal noise ratio
S/N
¾
Vin = 200 mVrms
¾
80
¾
dB
Muting attenuation
MUTE
¾
Vin = 200 mVrms
¾
80
¾
dB
Coil Data
Turns
Coil No.
Test Freq.
L
(
mH)
Co
(pF)
Qo
1-2
2-3
1-3
1-4
4-6
Wire
(mm
f)
Reference
L1 FM RF
100 MHz
¾
¾
79
¾
¾
2
1
2
¾
¾
0.16UEW
Toko Co., Ltd.
666SNF-305NK
L2 FM OSC
100 MHz
¾
¾
76
¾
¾
2
¾
¾
0.16UEW
Toko Co., Ltd.
666SNF-306NK
T1 AM OSC
796 kHz
268
¾
65
19
95
¾
¾
¾
0.05UEW
Toko Co., Ltd.
5PNR-5146Y
T2 AM IFT
455 kHz
¾
470
60
¾
¾
109
¾
7
0.05UEW
Toko Co., Ltd.
5PLG-5147X
3
1
L1: FM RF
3
1
L2: FM OSC
T1: AM OSC
3
1
2
4
6
VCC
Pin 20
T2: AM IFT
3
1
2
4
6
VCC
AM C.F.
FM C.F.
Pin 4


Número de pieza similar - TA2149BN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transko Electronics, In...
TA2140AM TRANSKO-TA2140AM Datasheet
397Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 1: July 2011
TA2140CM1 TRANSKO-TA2140CM1 Datasheet
444Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0:
TA2140EM TRANSKO-TA2140EM Datasheet
352Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: May 2009
TA2140FM TRANSKO-TA2140FM Datasheet
386Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2009
TA2140GM TRANSKO-TA2140GM Datasheet
457Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: August 2012
More results

Descripción similar - TA2149BN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008AN TOSHIBA-TA2008AN_02 Datasheet
741Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
Toshiba Semiconductor
TA2154AFN TOSHIBA-TA2154AFN Datasheet
171Kb / 13P
   1.5 V 1 Chip Tuner IC (for Digital Tuning System)
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Tiger Electronic Co.,Lt...
TA7792 TGS-TA7792 Datasheet
476Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
   3V AM / FM 1 CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com