Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP0202K Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza TP0202K
Descripción Electrónicos  P-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0202K Datasheet(HTML) 1 Page - Vishay Siliconix

  TP0202K Datasheet HTML 1Page - Vishay Siliconix TP0202K Datasheet HTML 2Page - Vishay Siliconix TP0202K Datasheet HTML 3Page - Vishay Siliconix TP0202K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP0202K
Vishay Siliconix
Document Number: 71609
S-41777—Rev. D, 04-Oct-04
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
V(BR)DSS(min) (V)
rDS(on) (W)
VGS(th) (V)
ID (mA)
Qg (Typ)
30
1.4 @ VGS = −10 V
−1.3 to −3.0
−385
1000
−30
3.5 @ VGS = −4.5 V
−1.3 to −3.0
−240
1000
FEATURES
BENEFITS
APPLICATIONS
D High-Side Switching
D Low On-Resistance: 1.2 Ω (typ)
D Low Threshold: −2.0 V (typ)
D Fast Swtiching Speed: 14 ns (typ)
D Low Input Capacitance: 31 pF (typ)
D Gate-Source ESD Protection
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Easily Driven Without Buffer
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories, Transistors, etc.
D Battery Operated Systems
D Power Supply Converter Circuits
D Solid State Relays
Marking Code: 2Kwll
2K = Part Number Code for TP0202K
w
= Week Code
ll
= Lot Traceability
Ordering Information: TP0202K-T1
TP0202K-T1—E3 (Lead (Pb)-Free)
TO-236
(SOT-23)
Top View
2
1
S
D
G
3
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
−30
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−385
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
−280
mA
Pulse Drain Currentb
IDM
−750
Power Dissipationa
TA = 25_C
PD
350
mW
Power Dissipationa
TA = 85_C
PD
185
mW
Maximum Junction-to-Ambienta
RthJA
350
_C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
Notes
a.
Surface mounted on FR4 board.
b.
Pulse width limited by maximum junction temperature.


Número de pieza similar - TP0202K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TP0202K VISHAY-TP0202K Datasheet
202Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
TP0202K VISHAY-TP0202K Datasheet
215Kb / 8P
   P-Channel 30-V (D-S) MOSFET
Rev. E, 29-Dec-08
TP0202K-T1-E3 VISHAY-TP0202K-T1-E3 Datasheet
202Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
TP0202K-T1-E3 VISHAY-TP0202K-T1-E3 Datasheet
215Kb / 8P
   P-Channel 30-V (D-S) MOSFET
Rev. E, 29-Dec-08
logo
VBsemi Electronics Co.,...
TP0202K-T1-E3 VBSEMI-TP0202K-T1-E3 Datasheet
502Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Descripción similar - TP0202K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com