Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA12057 Datasheet(PDF) 2 Page - Cree, Inc

No. de pieza CA12057
Descripción Electrónicos  Eva series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CA12057 Datasheet(HTML) 2 Page - Cree, Inc

  CA12057 Datasheet HTML 1Page - Cree, Inc CA12057 Datasheet HTML 2Page - Cree, Inc CA12057 Datasheet HTML 3Page - Cree, Inc CA12057 Datasheet HTML 4Page - Cree, Inc CA12057 Datasheet HTML 5Page - Cree, Inc CA12057 Datasheet HTML 6Page - Cree, Inc CA12057 Datasheet HTML 7Page - Cree, Inc CA12057 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
0%
25%
50%
75%
100%
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
Relative intensity of CA12057_EVA-D_(XM-L2)


Número de pieza similar - CA12057

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CA12050 CREE-CA12050 Datasheet
886Kb / 15P
   Strada series
logo
Ledil, Inc.
CA12050 LEDIL-CA12050 Datasheet
1Mb / 9P
   Forward throw beam for area lighting optimized for XP-G and XP-E.
logo
Cree, Inc
CA12055 CREE-CA12055 Datasheet
342Kb / 6P
   Eva series
CA12056 CREE-CA12056 Datasheet
1Mb / 17P
   Tina series
logo
Ledil, Inc.
CA12056 LEDIL-CA12056 Datasheet
2Mb / 5P
   ~45째 wide beam optimized for CREE XP-E.
More results

Descripción similar - CA12057

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
C12041 CREE-C12041 Datasheet
266Kb / 5P
   Eva series
CA12802 CREE-CA12802 Datasheet
341Kb / 6P
   Eva series
CA12858 CREE-CA12858 Datasheet
411Kb / 7P
   Eva series
CA12055 CREE-CA12055 Datasheet
342Kb / 6P
   Eva series
CP12198 CREE-CP12198 Datasheet
92Kb / 2P
   Eva series
CA12805 CREE-CA12805 Datasheet
368Kb / 6P
   Eva series
C12828 CREE-C12828 Datasheet
1Mb / 19P
   Eva series
CP12197 CREE-CP12197 Datasheet
71Kb / 2P
   Eva series
CP12199 CREE-CP12199 Datasheet
91Kb / 2P
   Eva series
CP12200 CREE-CP12200 Datasheet
202Kb / 3P
   Eva series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com