Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS8308500 Datasheet(PDF) 10 Page - ATMEL Corporation

No. de pieza TS8308500
Descripción Electrónicos  ADC 8-bit 500 Msps
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8308500 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TS8308500 Datasheet HTML 6Page - ATMEL Corporation TS8308500 Datasheet HTML 7Page - ATMEL Corporation TS8308500 Datasheet HTML 8Page - ATMEL Corporation TS8308500 Datasheet HTML 9Page - ATMEL Corporation TS8308500 Datasheet HTML 10Page - ATMEL Corporation TS8308500 Datasheet HTML 11Page - ATMEL Corporation TS8308500 Datasheet HTML 12Page - ATMEL Corporation TS8308500 Datasheet HTML 13Page - ATMEL Corporation TS8308500 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
TS8308500
2193A–BDC–04/03
Explanation of
Test Levels
Note:
1. Unless otherwise specified, all tests are pulsed tests : therefore TC = TA where TC and TA are
case and ambient temperature.
2. Refer to “Ordering Information” on page 48.
3. Only min and max values are guaranteed (typical values are issued from characterization
results).
Functions
Description
Table 4. Explanation of Test Levels(3)
Num
Characteristics
1
100% production tested at +25
°C(1) (for “C” Temperature range(2))
2
100% production tested at +25
°C(1), and sample tested at specified temperatures
(for “V” Temperature range
(2))
3
Sample tested only at specified temperatures
4
Parameter is guaranteed by design and characterization testing (thermal steady-state
conditions at specified temperature)
5
Parameter is a typical value only
Table 5. Functions Description
Name
Function
V
CC
Positive power supply
V
EE
Analog negative power supply
V
PLUSD
Digital positive power supply
GND
Ground
V
IN, VINB
Differential analog inputs
CLK, CLKB
Differential clock inputs
<D0:D7>
<D0B:D7B>
Differential output data port
DR, DRB
Differential data ready outputs
OR, ORB
Out of range outputs
GAIN
ADC gain adjust
GORB
Gray or binary digital output select
DIOD/DRRB
Die junction temperature measurement/
asynchronous data ready reset
V
IN
V
INB
CLK
CLKB
D0
D7
D0B
D7B
16
DVEE = -5V
VCC = +5V
VPLUSD = +0V (ECL)
VPLUSD = +2.4V (LVDS)
TS8308500
VEE = -5V
GND
GAIN
GORG
DIOD/
DRRB
OR
ORB
DR
DRB


Número de pieza similar - TS8308500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3I STMICROELECTRONICS-TS831-3I Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3ID STMICROELECTRONICS-TS831-3ID Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3IDT STMICROELECTRONICS-TS831-3IDT Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
More results

Descripción similar - TS8308500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT84AD004 ATMEL-AT84AD004 Datasheet
1,023Kb / 58P
   DUAL 8 BIT 500 MSPS ADC
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
   Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Cadeka Microcircuits LL...
SPT7721 CADEKA-SPT7721 Datasheet
192Kb / 11P
   8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com