|
| NTE1200 |
|
||
|
NTE |
|
1 page
NTE1200 Integrated Circuit Color TV Chroma Processor Applications: D Subcarrier OSC D Chroma Amplifier D DC Chroma Gain Control D Overload Detector D ACC & Killer Features: D AFPC & ACC detector employs sample and Hold techniques D Low output impedance D Only the initial crystal filter tuning is required ....... no killer and ACC adjustment at anytime D Few external components required D Compensation for temperature and Supply Variations D Compatible with NTE1130 Absolute Maximum Ratings: (TA = +25°C unless otherwise specified) Supply Voltage, VCC 13.2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Chroma Input Voltage, ec 4Vp–p . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pulse Input Voltage, ep 4Vpeak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Minimum Load Resistor, RL 3.3k Ω . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Power Dissipation, PD 920mW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrical Characteristics: (TA = +25°C VCC = 11.2V unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Static Characteristics Pin1 Voltage V1 1.3 2.0 2.7 V Pin2, Pin3 Voltage V2, V3 7.0 7.8 8.6 V Pin4 Voltage V4 6.5 – 8.5 V Pin6 Voltage V6 7.1 – 9.1 V Pin7 Voltage V7 1.3 2.0 2.7 V Pin8 Voltage V8 6.5 – 8.5 V Pin9 Voltage V9 I = –10 µA –10 – –5 V Pin10, Pin11 Voltage V10, V11 7.0 7.8 8.6 V Pin13 Voltage V13 0.44 0.50 0.56 Pin14 Voltage V14 6.4 – 7.5 V Pin15 Voltage V15 9.0 – 10.5 V |
|
1 2
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1410 | Integrated Circuit Chroma Video Signal Processor | 1 2 3 | NTE Electronics |
| NTE1556 | Integrated Circuit VIR Signal Processor for Color TV | 1 2 | NTE Electronics |
| NTE1846 | Integrated Circuit NTSC System Single-Chip Color TV Signal Processor | 1 2 | NTE Electronics |
| NTE7060 | Integrated Circuit NTSC Single Chip Color TV Signal Processor | 1 2 3 | NTE Electronics |
| NTE844 | Integrated Circuit Single Chip TV Chroma/Luminance Processor | 1 2 3 | NTE Electronics |
| NTE7148 | Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection | 1 2 3 4 5 More | NTE Electronics |
| NTE1547 | Integrated Circuit Video Chroma Deflection System for Color TV | 1 2 3 4 5 More | NTE Electronics |
| NTE1589 | Integrated Circuit Color TV Luminance Chroma System | 1 2 | NTE Electronics |
| NTE1673 | Integrated Circuit Video Chroma Processor | 1 2 3 | NTE Electronics |
| NTE1408 | Integrated Circuit CMOS Color Signal Processor for VCR | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |