|
| NTE1200 |
|
||
|
NTE |
|
2 page
Electrical Characteristics (Cont’d): (TA = +25°C VCC = 11.2V unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Supply Current ICC 16 – 38 mA Killer Sensitivity ein – – 25 mVP–P ACC Output ein = 250mVP–P, SA = 2, VR1 MAX – 1.35 – mVP–P Killer Output eo ein = 5mVP–P, SA = 1 – – 10 mVP–P Leak Output eo ein = 250mVP–P, SA = 3 – – 10 mVP–P Overload Output eo ein = 250mVP–P, SA = 1, Sβ = ON 350 – 650 mVP–P UNI–Color Ratio Gv ein = 30mVP–P, SA = 2, V10–11 = 0V, eo (VR1MAX)/eo (VR1MIN) 7.0 9.5 12.0 dB Pull–In Range |fP| ein = 250mVP–P 300 – – Hz Hold–In Range |fK| ein = 250mVP–P 500 – – Hz VCO Sensitivity β ∆f/∆V2–3 2 – – kHz/V OSC Output VOSC f = 3.57945MHz , ein = 0VP–P 0.5 1.0 – VP–P Pin1 Input Impedance R1 – 2 – k Ω C1 – 0.5 pF Pin7 Input Impedance R7 – 1 – k Ω C7 – 6 – pF VCC 1st Chroma Amp Pin Connection Diagram Bias Hold Phase Shift GND Bias Hold Signal Hold Overload Detector Key Attenuator Manual Cont Amp Limiter AFPC Detector Output Signal Hold 1 2 3 4 5 6 7 8 16 15 14 13 Attenuator 12 11 10 9 .700 (17.78) .100 (2.54) 18 16 9 .200 (5.08) Max .870 (22.0) Max .260 (6.6) Max .099 (2.5) Min |
|
1 2
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1410 | Integrated Circuit Chroma Video Signal Processor | 1 2 3 | NTE Electronics |
| NTE1556 | Integrated Circuit VIR Signal Processor for Color TV | 1 2 | NTE Electronics |
| NTE1846 | Integrated Circuit NTSC System Single-Chip Color TV Signal Processor | 1 2 | NTE Electronics |
| NTE7060 | Integrated Circuit NTSC Single Chip Color TV Signal Processor | 1 2 3 | NTE Electronics |
| NTE844 | Integrated Circuit Single Chip TV Chroma/Luminance Processor | 1 2 3 | NTE Electronics |
| NTE7148 | Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection | 1 2 3 4 5 More | NTE Electronics |
| NTE1547 | Integrated Circuit Video Chroma Deflection System for Color TV | 1 2 3 4 5 More | NTE Electronics |
| NTE1589 | Integrated Circuit Color TV Luminance Chroma System | 1 2 | NTE Electronics |
| NTE1673 | Integrated Circuit Video Chroma Processor | 1 2 3 | NTE Electronics |
| NTE1408 | Integrated Circuit CMOS Color Signal Processor for VCR | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |