Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL852 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL852
Descripción Electrónicos  Overall Gain Adjustable With One External Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL852 Datasheet(HTML) 3 Page - Texas Instruments

  TL852 Datasheet HTML 1Page - Texas Instruments TL852 Datasheet HTML 2Page - Texas Instruments TL852 Datasheet HTML 3Page - Texas Instruments TL852 Datasheet HTML 4Page - Texas Instruments TL852 Datasheet HTML 5Page - Texas Instruments TL852 Datasheet HTML 6Page - Texas Instruments TL852 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TL852
SONAR RANGING RECEIVER
SLSS003 – SEPTEMBER 1983 – REVISED MARCH 1988
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Voltage at any pin with respect to GND
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage at any pin with respect to VCC
– 7 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
XIN input current (50% duty cycle)
±60 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at (or below) 25
°C free-air temperature (see Note 1)
1150 mW
. . . . . . . . . . . .
Operating free-air temperature range
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of this
specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: For operation above 25
°C, derate linearly at the rate of 9.2 mW/°C.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
4.5
6.8
V
High-level input voltage, VIH
GCA GCB GCC GCD
2.1
V
Low-level input voltage, VIL
GCA, GCB, GCC, GCD
0.6
V
Bias resistor between BIAS and GND
64
72
k
Operating free-air temperature, TA
0
40
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Input clamp voltage at XIN
II = 40 mA
2.5
V
Input clamp voltage at XIN
II = – 40 mA
– 1.5
V
Open-circuit input voltage at GCA, GCB, GCC, GCD
VCC = 5 V,
II = 0
2.5
V
High-level input current, IIH, into GCA, GCB, GCC, GCD
VCC = 5 V,
VIH = 2 V
– 0.5
mA
Low-level input current, IIL, into GCA, GCB, GCC, GCD
VCC = 5 V,
VIL = 0
– 3
mA
Raceive output current
IG2IN = – 100 µA,
VO = 0.3 V
1
µA
Raceive output current
IG2IN = 100 µA,
VO = 0.1 V
– 50
µA
Supply current, ICC
45
mA
‡ Typical values are at VCC = 5 V and TA = 25°C.


Número de pieza similar - TL852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL852CDR TI1-TL852CDR Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
TL852CDRG4 TI1-TL852CDRG4 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
TL852CN TI1-TL852CN Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
TL852CNE4 TI1-TL852CNE4 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
More results

Descripción similar - TL852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
MAUC-011009 MA-COM-MAUC-011009 Datasheet
1Mb / 14P
   Variable Gain with Adjustable Bias
logo
Maxim Integrated Produc...
MAX9820 MAXIM-MAX9820 Datasheet
1Mb / 13P
   DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
logo
M/A-COM Technology Solu...
MAAM-010651 MA-COM-MAAM-010651 Datasheet
689Kb / 6P
   Variable Gain with Adjustable Bias
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
logo
Maxim Integrated Produc...
MAX1765EVKIT MAXIM-MAX1765EVKIT Datasheet
208Kb / 7P
   Both Outputs Are Adjustable with External Resistors
Rev 0; 12/00
logo
STMicroelectronics
AN4369 STMICROELECTRONICS-AN4369 Datasheet
659Kb / 14P
   Adjustable gain with a current sensing
logo
Texas Instruments
DRV632 TI1-DRV632 Datasheet
855Kb / 23P
[Old version datasheet]   Audio Line Driver With Adjustable Gain
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com