Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL852 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL852
Descripción Electrónicos  Overall Gain Adjustable With One External Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL852 Datasheet(HTML) 4 Page - Texas Instruments

  TL852 Datasheet HTML 1Page - Texas Instruments TL852 Datasheet HTML 2Page - Texas Instruments TL852 Datasheet HTML 3Page - Texas Instruments TL852 Datasheet HTML 4Page - Texas Instruments TL852 Datasheet HTML 5Page - Texas Instruments TL852 Datasheet HTML 6Page - Texas Instruments TL852 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TL852
SONAR RANGING RECEIVER
SLSS003 – SEPTEMBER 1983 – REVISED MARCH 1988
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
APPLICATION INFORMATION
detect level versus gain step
Detect level is measured by applying a 15-cycle burst of 49.4 kHz square wave just after the beginning of the
gain step to be tested. The least burst amplitude that makes REC reach the trip level is defined to be the detect
level. System gain is then inversely proportional to detect level. See the test circuit in Figure 1.
490 k
5 k
5 k
R1
0.01
µF
0.0022
µF
21 mH
500 pF
0.01
µF
L1
1 mH
8
7
6
5
4
3
2
1
VCC
1000 pF
Trip
Level
Detect
15-Cycle
49.4-kHz
Variable-Amplitude
Burst Generator
68 k
9
10
11
12
13
14
15
16
BIAS
G2IN
G1OUT
VCC
LC
GADJ
XIN
G1IN
REC
NC
NC
GCC
GCB
GCA
GCD
GND
TL331
15 Pulses
Trip Level
Input
Signal
Rec
Output
Comparator
Output
All Resistors
±1%, 1/4 W
All Capacitors
±1%, Film
L1 Q > 60 at 50 kHz
C1 Q > 500 at 50 kHz
Figure 1. Detect-Level Measurement Circuit and Waveforms


Número de pieza similar - TL852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL852CDR TI1-TL852CDR Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
TL852CDRG4 TI1-TL852CDRG4 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
TL852CN TI1-TL852CN Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
TL852CNE4 TI1-TL852CNE4 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
More results

Descripción similar - TL852

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
MAUC-011009 MA-COM-MAUC-011009 Datasheet
1Mb / 14P
   Variable Gain with Adjustable Bias
logo
Maxim Integrated Produc...
MAX9820 MAXIM-MAX9820 Datasheet
1Mb / 13P
   DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
logo
M/A-COM Technology Solu...
MAAM-010651 MA-COM-MAAM-010651 Datasheet
689Kb / 6P
   Variable Gain with Adjustable Bias
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
logo
Maxim Integrated Produc...
MAX1765EVKIT MAXIM-MAX1765EVKIT Datasheet
208Kb / 7P
   Both Outputs Are Adjustable with External Resistors
Rev 0; 12/00
logo
STMicroelectronics
AN4369 STMICROELECTRONICS-AN4369 Datasheet
659Kb / 14P
   Adjustable gain with a current sensing
logo
Texas Instruments
DRV632 TI1-DRV632 Datasheet
855Kb / 23P
[Old version datasheet]   Audio Line Driver With Adjustable Gain
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com