Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2145AF Datasheet(PDF) 10 Page - Toshiba Semiconductor

No. de pieza TA2145AF
Descripción Electrónicos  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2145AF Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA2145AF Datasheet HTML 6Page - Toshiba Semiconductor TA2145AF Datasheet HTML 7Page - Toshiba Semiconductor TA2145AF Datasheet HTML 8Page - Toshiba Semiconductor TA2145AF Datasheet HTML 9Page - Toshiba Semiconductor TA2145AF Datasheet HTML 10Page - Toshiba Semiconductor TA2145AF Datasheet HTML 11Page - Toshiba Semiconductor TA2145AF Datasheet HTML 12Page - Toshiba Semiconductor TA2145AF Datasheet HTML 13Page - Toshiba Semiconductor TA2145AF Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TA2145AF
2002-04-19
10
Characteristic Curves (Unless otherwise specified, VCC
==== 3 V, Ta ==== 25°C, f ==== 1 kHz,
Preamplifier:
Rg
==== 2.2 kW
W
W
W, RL ==== 10 kW
W
W
W
Power amplifier: Rg
==== 600 W
W
W
W, RL ==== 16 W
W
W
W, Vol. ==== max
Motor governor: Im
==== 100 mA)
Supply voltage
VCC (V)
ICCQ, ICC – VCC
Supply voltage
VCC (V)
VO (DC) – VCC
Frequency
f
(Hz)
PRE
GVO, GVC – f
Frequency
f
(Hz)
PRE
CT – f
Supply voltage
VCC (V)
PRE
Vom – VCC
Output voltage
Vo (mVrms)
PRE
THD – Vo
ICCQ1 (PRE + PW, Vol.: min)
0
1.5
2.0
2 5
3.5
4.0
3.0
12
0
4
16
8
ICCQ2 (PW only, Vol.: min)
ICC (GVN: Im = 0)
0
1.5
2.0
2 5
3.5
4.0
3.0
1 5
0
0 5
2 5
1 0
2 0
VREF, PW OUT, PRE OUT
10
100
1 k
100 k
10 k
60
0
20
100
40
80
Vo = -10dBV
GVO
GVC
10
100
1 k
100 k
10 k
60
80
70
40
50
Vo = -10dBV
0
1.5
2.0
2 5
3.5
4.0
3.0
500
100
1000
200
THD
= 1%
f = 10 kHz
f = 100 Hz
f = 1 kHz
1
10
100
10000
1000
1
0 01
0 03
10
3
3
0.1


Número de pieza similar - TA2145AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
More results

Descripción similar - TA2145AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com