Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5609 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN5609
Descripción Electrónicos  LED Driver with Adaptive Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5609 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5609 Datasheet HTML 3Page - Fairchild Semiconductor FAN5609 Datasheet HTML 4Page - Fairchild Semiconductor FAN5609 Datasheet HTML 5Page - Fairchild Semiconductor FAN5609 Datasheet HTML 6Page - Fairchild Semiconductor FAN5609 Datasheet HTML 7Page - Fairchild Semiconductor FAN5609 Datasheet HTML 8Page - Fairchild Semiconductor FAN5609 Datasheet HTML 9Page - Fairchild Semiconductor FAN5609 Datasheet HTML 10Page - Fairchild Semiconductor FAN5609 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FAN5609
PRODUCT SPECIFICATION
8
REV. 1.0.2 5/30/03
Typical Performance Characteristics
TA = 25°C, CIN =COUT = 4.7µF, CAP1 = CAP2 = 0.1µF, using Fairchild’s QTLP670C-IW Super Bright LED.
3.0
3.2
3.4
3.6
3.8
19.6
19.8
20.0
20.2
20.4
Regulated LED Current vs
LED Forward Voltage
LED Forward Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
20
40
60
80
100
120
140
160
180
Supply Current vs Input Voltage
(4 LEDs)
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Regulated LED Current vs Input Voltage
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.4
0.5
0.6
0.7
0.8
0.9
Efficiency vs Input Voltage
(4 LEDs x 20mA)
VIN(V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.2
1.4
1.6
1.8
2.0
2.2
DAC Threshold Voltage vs
Input Voltage
LED Forward Voltage (V)
0
5
10
15
20
25
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Shutdown Current vs Input Voltage
Input Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
A = 1, B = 1
A = 0, B = 1
A = 0, B = 1
A = 1, B = 0
A = 1, B = 0
A = 0, B = 0
A = 1, B = 1


Número de pieza similar - FAN5609

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP13X FAIRCHILD-FAN5601MP13X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP18X FAIRCHILD-FAN5601MP18X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Descripción similar - FAN5609

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
TB62733FTG TOSHIBA-TB62733FTG Datasheet
614Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Marktech Corporate
TCA62735AFLG MARKTECH-TCA62735AFLG Datasheet
375Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Toshiba Semiconductor
TCA62753FUG TOSHIBA-TCA62753FUG Datasheet
351Kb / 10P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com