|
| NTE1242 |
|
||
|
NTE |
|
2 page
2nd IF (AM) Output 2nd IF (AM) Input 2nd IF Output 1st IF Output Pin Connection Diagram 2nd IF Input AGC Bypass Converter Output AM Input (Converter) OSC Tank OSC Feedback Bypass GND FM IF Output VCC Bypass GND 1 2 3 4 5 6 7 16 15 14 13 12 11 10 8 9 .260 (6.6) Max 16 9 18 .785 (19.9) Max .200 (5.08) Max .245 (6.22) Min .300 (7.62) .700 (17.7) .100 (2.54) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1487 | Integrated Circuit AM RF Converter IF Amp | 1 2 | NTE Electronics |
| NTE1014 | Integrated Circuit Module - Hybrid RF Amp/OSC | 1 2 | NTE Electronics |
| NTE1235 | Integrated Circuit Squelch Amp | 1 2 | NTE Electronics |
| NTE1375 | Integrated Circuit Audio Power Amp for Car Radio 5.8W | 1 2 | NTE Electronics |
| NTE1785 | Integrated Circuit TV IF Amp w/Demod and AFC For PNP Tuners | 1 2 3 | NTE Electronics |
| NTE1019 | Integrated Circuit Module Hybrid Low Noise Equalizer Amp | 1 2 | NTE Electronics |
| NTE1383 | Integrated Circuit Dual Audio Power Amp 5.1W/Ch 10.5W BTL | 1 2 3 | NTE Electronics |
| NTE1578 | Integrated Circuit FM Mixer/IF Amp | 1 2 | NTE Electronics |
| NTE1794 | Integrated Circuit Volatge Controlled Amp VCA for dbx Noise Reduction System | 1 2 | NTE Electronics |
| NTE825 | Integrated Circuit Battery Operated Audio Amp | 1 2 3 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |