|
| NTE1248 |
|
||
|
NTE |
|
1 page
NTE1248 Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demod Description: The NTE1248 is a phase lock loop (PLL) system monolithic integrated circuit in a 16–Lead DIP type package designed as an FM multiplex stereo demodulator. Features: D A PLL for High Multiplex–Efficiency Operation. D Stable Operation at Low Voltages (VCC = 5.4V Min) D Low Lamp Lighting Level (6.5mV typ) D Separation Control Pin (Pin8) D Ability to Stop the VCO for Monaural Muting (Pin9) D Output Voltage Available with Low Loss (GV = –1dB typically) D Typically 0.3% Distortion D SCA Rejection Ratio (80dB) Applications: D Stereo Radio Cassette Tape Recorders D Car Stereos D Home Stereos Absolute Maximum Ratings: (TA = +25°C unless otherwise specified) Supply Voltage, VCC 14V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lamp Indicator Current, ILAMP 75mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Power Dissipation, Pd 550mW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Temperature Range, Topr –25 ° to +75°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg –55 ° to +125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . |
|
1 2 3
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1560 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator | 1 2 | NTE Electronics |
| NTE1217 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demodulator | 1 2 | NTE Electronics |
| NTE1657 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex | 1 2 3 | NTE Electronics |
| NTE1206 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 | NTE Electronics |
| NTE7116 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System | 1 2 3 4 5 | NTE Electronics |
| NTE7050 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 4 5 | NTE Electronics |
| NTE743 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 | NTE Electronics |
| NTE1779 | Integrated Circuit TV VIF Amp Phase Lock Loop PLL | 1 2 | NTE Electronics |
| NTE1534 | Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio | 1 2 | NTE Electronics |
| NTE989 | Integrated Circuit General Purpose Phase Lock Loop PLL | 1 2 3 4 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |