Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LD1117DC Datasheet(PDF) 4 Page - STMicroelectronics |
|
LD1117DC Datasheet(HTML) 4 Page - STMicroelectronics |
4 / 38 page Maximum ratings LD1117 series 4/38 2 Maximum ratings Table 1. Absolute maximum ratings Symbol Parameter Value Unit VIN DC Input Voltage 15 V PTOT Power Dissipation 12 W TSTG Storage Temperature Range -40 to +150 °C TOP Operating Junction Temperature Range for C Version -40 to +150 °C for standard Version 0 to +150 °C Table 2. Thermal Data Symbol Parameter SOT-223 SO-8 DPAK TO-220 Unit RthJC Thermal Resistance Junction-case 15 20 8 3 °C/W RthJA Thermal Resistance Junction-ambient 50 °C/W |
Número de pieza similar - LD1117DC |
|
Descripción similar - LD1117DC |