Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS941B Datasheet(PDF) 3 Page - STMicroelectronics |
|
TS941B Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 18 page TS94x, TS94xA, TS94xB Absolute maximum ratings and operating conditions Doc ID 6972 Rev 6 3/18 Table 3. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.5 to 10 V Vicm Common mode input voltage range VDD -0.2 to VCC -1.3 V Toper Operating free air temperature range -40 to + 85 °C |
Número de pieza similar - TS941B |
|
Descripción similar - TS941B |