Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5406DC Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI5406DC
Descripción Electrónicos  N-Channel 2.5-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5406DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5406DC Datasheet HTML 1Page - Vishay Siliconix SI5406DC Datasheet HTML 2Page - Vishay Siliconix SI5406DC Datasheet HTML 3Page - Vishay Siliconix SI5406DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si5406DC
Vishay Siliconix
www.vishay.com
2-2
Document Number: 71657
S-21251—Rev. B, 05-Aug-02
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID =1.2 mA
0.6
V
Gate-Body Leakage
IGSS
VDS =0 V, VGS = 8V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =9.6 V, VGS =0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS =9.6 V, VGS =0 V, TJ =85_C
5
mA
On-State Drain Currenta
ID(on)
VDS ≥ 5V,VGS =4.5 V
20
A
Drain-Source On-State Resistancea
rDS(on)
VGS =4.5 V, ID =6.9 A
0.017
0.020
Drain-Source On-State Resistancea
rDS(on)
VGS =2.5 V, ID =2 A
0.021
0.025
Forward Transconductancea
gfs
VDS =10 V,ID =6.9 A
30
S
Diode Forward Voltagea
VSD
IS =1.1 A, VGS =0 V
0.7
1.2
V
Dynamicb
Total Gate Charge
Qg
13.7
20
Gate-Source Charge
Qgs
VDS =6 V, VGS =4.5 V, ID =6.9 A
2.3
nC
Gate-Drain Charge
Qgd
4.1
Turn-On Delay Time
td(on)
17
25
Rise Time
tr
VDD =6 V,RL =6 Ω
46
70
Turn-Off Delay Time
td(off)
VDD = 6 V, RL = 6 Ω
ID ≅ 1A,VGEN =4.5 V, RG =6 Ω
54
80
ns
Fall Time
tf
29
45
Source-Drain Reverse Recovery Time
trr
IF = 1.1 A, di/dt = 100 A/ms
35
70
Notes
a.
Pulse test; pulse width ≤ 300 ms, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS =5 thru 2.5 V
TC = 125_C
--55_C
2V
25_C
Output Characteristics
Transfer Characteristics
VDS -- Drain-to-Source Voltage (V)
VGS -- Gate-to-Source Voltage (V)
1.5 V
1V


Número de pieza similar - SI5406DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5406CDC VISHAY-SI5406CDC Datasheet
143Kb / 7P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 14-Apr-08
logo
Vishay Telefunken
SI5406CDC TFUNK-SI5406CDC Datasheet
251Kb / 11P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI5406CDC-T1-GE3 VISHAY-SI5406CDC-T1-GE3 Datasheet
143Kb / 7P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results

Descripción similar - SI5406DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com