Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMB16J Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No. de pieza KMB16J
Descripción Electrónicos  Surface Mount Schottky Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Página de inicio  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KMB16J Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KMB16J Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KMB16J Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. KMB16J Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Schottky Barrier Die Construction
Low Forward Voltage Drop
Low Leakage Current
High Forward Surge Capability
Designed for Surface Mount Application
Plastic Material - UL Flammability 94V -O
Case: SOF2-4 Molded Plastic
Terminals: Solder plated, Solderable per
J-STD-002B and JESD22-B102D
Polarity: As Marked on body
Marking: Type Number
Lead Free: For ROHS/Leadfree Version
IF(AV)
1.0 A
VRRM
20 V to 200 V
IFSM
25 A
IR
500 μA
VF
0.55,0.70,0.85,0.95 V
Tj max.
125 °C
Maximum Ratings & Thermal Characteristics(T
A = 25 °C unless otherwise noted)
Single Phase,half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
VRRM
20
40
60
80
100
150
200
V
VRMS
14
28
42
56
70
105
140
V
VDC
20
40
60
80
100
150
200
V
IF(AV)
A
TJ, TSTG
1):Mounted on glass epoxy P.C.B with 1.2×1.5mm
2 pads。
Electrical Characteristics(T
A = 25 °C unless otherwise noted)
VF
2):Pulse test: 300μS pulse width,1% duty cycle.
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.0
1)
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
IFSM
25
A
Operating junction and storage temperature range
–55 to +125
Symbol
UNIT
Test conditions
Items
Instantaneous forward voltage
IF=1.0A
2)
IR
0.5
10
Symbol
Items
mA
TA = 100℃
Reverse current
TA = 25 ℃
Mechanical Date
Major Ratings and Characteristics
http://www.trr-jx.com
Surface Mount Schottky Bridge Rectifiers
KMB12J~KMB120J
SOF2-4J
KMB
12J
KMB
14J
KMB
16J
KMB
18J
KMB
100J
KMB
150J
KMB
120J
KMB
12J
KMB
14J
KMB
16J
KMB
18J
KMB
100J
KMB
150J
KMB
120J
0.70
0.95
V
0.55
0.85


Número de pieza similar - KMB16J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Juxing Electr...
KMB16J JUXING-KMB16J Datasheet
957Kb / 3P
   Surface Mount Schottky Bridge Rectifiers
More results

Descripción similar - KMB16J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S_07 Datasheet
115Kb / 2P
   Surface Mount Schottky-Bridge-Rectifiers
logo
Shanghai Leiditech Elec...
KMB12F-S LEIDITECH-KMB12F-S Datasheet
706Kb / 3P
   Surface Mount Schottky Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB14F-PJ PJSEMI-TB14F-PJ Datasheet
453Kb / 3P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
MB14F-PJ PJSEMI-MB14F-PJ Datasheet
253Kb / 3P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KMB12F JUXING-KMB12F_V01 Datasheet
1Mb / 2P
   Surface Mount Schottky Bridge Rectifiers
KMB22F JUXING-KMB22F_V01 Datasheet
951Kb / 2P
   Surface Mount Schottky Bridge Rectifiers
logo
Bruckewell Technology L...
MB12S BWTECH-MB12S_15 Datasheet
443Kb / 4P
   Surface Mount Schottky Bridge Rectifiers
MB22S BWTECH-MB22S Datasheet
346Kb / 4P
   Surface Mount Schottky Bridge Rectifiers
logo
Guangdong Juxing Electr...
KMB12J JUXING-KMB12J_V01 Datasheet
957Kb / 3P
   Surface Mount Schottky Bridge Rectifiers
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S Datasheet
143Kb / 2P
   Surface Mount Schottky-Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com