Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7946DP-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI7946DP-T1
Descripción Electrónicos  Dual N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7946DP-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7946DP-T1 Datasheet HTML 1Page - Vishay Siliconix SI7946DP-T1 Datasheet HTML 2Page - Vishay Siliconix SI7946DP-T1 Datasheet HTML 3Page - Vishay Siliconix SI7946DP-T1 Datasheet HTML 4Page - Vishay Siliconix SI7946DP-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance PowerPAKr Package
D Dual MOSFET for Space Savings
D PWM Optimized for Fast Switching
D Avalanche Rated
APPLICATIONS
D Primary Side Switch
Si7946DP
Vishay Siliconix
New Product
Document Number: 72282
S-31361—Rev. A, 30-Jun-03
www.vishay.com
1
Dual N-Channel 150-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
150
0.150 @ VGS = 10 V
3.3
150
0.168 @ VGS = 6 V
3.1
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
6.15 mm
5.15 mm
Bottom View
PowerPAK SO-8
Ordering Information: Si7946DP-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
3.3
2.1
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
2.6
1.7
Pulsed Drain Current
IDM
10
A
Continuous Source Current (Diode Conduction)a
IS
2.9
1.2
Single Avalanche Current
L = 0.1 mH
IAS
9
Single Avalanche Energy
EAS
4
mJ
Maximum Power Dissipationa
TA = 25_C
PD
3.5
1.4
W
Maximum Power Dissipationa
TA = 70_C
PD
2.2
0.9
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
26
35
Maximum Junction-to-Ambienta
Steady State
RthJA
60
85
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.2
4.2
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Número de pieza similar - SI7946DP-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7946DP VISHAY-SI7946DP Datasheet
203Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7946DP VISHAY-SI7946DP Datasheet
98Kb / 6P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7946DP VISHAY-SI7946DP_06 Datasheet
203Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7946DP VISHAY-SI7946DP_V01 Datasheet
98Kb / 6P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7946DP-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7946DP VISHAY-SI7946DP_V01 Datasheet
98Kb / 6P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7946ADP VISHAY-SI7946ADP Datasheet
378Kb / 13P
   Dual N-Channel 150 V (D-S) MOSFET
01-Jan-2022
logo
Analog Power
AM4890N ANALOGPOWER-AM4890N Datasheet
364Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
AM7900N ANALOGPOWER-AM7900N Datasheet
320Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7946DP VISHAY-SI7946DP_06 Datasheet
203Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Analog Power
AM4892N ANALOGPOWER-AM4892N Datasheet
363Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7956DP VISHAY-SI7956DP_V01 Datasheet
309Kb / 12P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7738DP VISHAY-SI7738DP Datasheet
132Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. A, 14-Apr-08
SI7956DP VISHAY-SI7956DP Datasheet
206Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com