Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9712DY-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI9712DY-T1
Descripción Electrónicos  PC Card (PCMCIA) Interface Switch- 12-V Suspend Capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9712DY-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9712DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI9712DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI9712DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI9712DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI9712DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI9712DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI9712DY-T1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Si9712
Vishay Siliconix
Document Number: 70024
S-40755—Rev. F, 19-Apr-04
www.vishay.com
3
SPECIFICATIONS
Limits
−40 to 85_C
Test Conditions
Unless Otherwise Specified
CSR = 33 nF, +12 VIN = 12 V, +5 VIN = 5 V
+3.3 VIN = 3.3 V, Low v 0.8 V, High w 2.2 V
Parameter
Unit
Maxa
Typb
Mina
Test Conditions
Unless Otherwise Specified
CSR = 33 nF, +12 VIN = 12 V, +5 VIN = 5 V
+3.3 VIN = 3.3 V, Low v 0.8 V, High w 2.2 V
Symbol
Switch 4
On Resistance
RON
I = 500 mA, S4 = High
TA = 25_C
50
mW
On-Resistance
RON
I = 500 mA, S4 = High
S1 = S2 = S3 = Low
TA = 85_C
70
mW
Off Current (+3 3 VIN)
IOFF
+3.3 VIN = 3.6 V,
TA = 25_C
1
mA
Off Current (+3.3 VIN)
IOFF
+3.3 VIN = 3.6 V,
S1 = S2 = S3 = S4 = Low
TA = 85_C
10
mA
Rise Time
tSW4(on)
S1 = S2 = S3 = Low See Figure 2
0.1
0.9
10
ms
Fall Time
tSW4(off)
S1 = S2 = S3 = Low, See Figure 2
3
20
40
ms
Switch 5
On Resistance
RON
I = 2 mA S1 = S2 = Low
TA = 25_C
235
400
W
On-Resistance
RON
I = 2 mA, S1 = S2 = Low
TA = 85_C
325
550
W
Switch 6
On Resistance
RON
I = 2 mA S3= S4 = Low
TA = 25_C
140
400
W
On-Resistance
RON
I = 2 mA, S3= S4 = Low
TA = 85_C
200
500
W
Power Supply
+5 VIN Current Input (on)
I+5VIN(1)
S1 = S4 = 0 V, S2 = S3= 3 V
20
50
+5 VIN Current Input (on)
I+5VIN(2)
S1 = S4 = 3 V, S2 = S3 = 0V
20
50
mA
+5 VIN Current Input (off)
I+5VIN(3)
S1 = S2 = S3 = S4 = 0 V
<1
10
m
Switch Control Inputs
Input Voltage High
VI(H)
+5 VIN = 5.5 V
2.2
1.8
Input Voltage High
VI(H)
+5 VIN = 4.5 V
2.2
1.6
V
Input Voltage Low
VI(L)
+5 VIN = 5.5 V
1.6
0.8
V
Input Voltage Low
VI(L)
+5 VIN = 4.5 V
1.4
0.8
Input Current High
II(H)
S1 through S4 = 5 V
1.0
mA
Input Current Low
II(L)
S1 through S4 = GND
−1.0
mA
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.


Número de pieza similar - SI9712DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9712 VISHAY-SI9712 Datasheet
82Kb / 8P
   PC Card (PCMCIA) Interface Switch—12-V Suspend Capability
Rev. F, 19-Apr-04
More results

Descripción similar - SI9712DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9712 VISHAY-SI9712 Datasheet
82Kb / 8P
   PC Card (PCMCIA) Interface Switch—12-V Suspend Capability
Rev. F, 19-Apr-04
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
   PC Card (PCMCIA) Interface Switch
Rev. G, 16-Feb-04
SI9711CY VISHAY-SI9711CY Datasheet
189Kb / 6P
   PC Card (PCMCIA) Interface Switch
Rev. F, 05-Apr-99
SI9711 VISHAY-SI9711 Datasheet
81Kb / 7P
   PC Card (PCMCIA) Interface Switch
Rev. G, 19-Apr-04
SI9706DY VISHAY-SI9706DY_V01 Datasheet
234Kb / 6P
   PC Card (PCMCIA) Interface Switch
01-Jan-2022
SI9707 VISHAY-SI9707 Datasheet
63Kb / 5P
   PC Card (PCMCIA) Dual Interface Switch
Rev. F, 19-Apr-04
SI9707DY VISHAY-SI9707DY Datasheet
116Kb / 4P
   PC Card (PCMCIA) Dual Interface Switch
Rev. E, 05-Apr-99
logo
Texas Instruments
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com