|
| SN54LV07A |
|
||
|
TI |
|
6 page
MECHANICAL DATA MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DGV (R-PDSO-G**) PLASTIC SMALL-OUTLINE 24 PINS SHOWN 14 3,70 3,50 4,90 5,10 20 DIM PINS ** 4073251/E 08/00 1,20 MAX Seating Plane 0,05 0,15 0,25 0,50 0,75 0,23 0,13 112 24 13 4,30 4,50 0,16 NOM Gage Plane A 7,90 7,70 38 24 16 4,90 5,10 3,70 3,50 A MAX A MIN 6,60 6,20 11,20 11,40 56 9,60 9,80 48 0,08 M 0,07 0,40 0 °–8° NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side. D. Falls within JEDEC: 24/48 Pins – MO-153 14/16/20/56 Pins – MO-194 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| HD74LV06A | Hex Inverter Buffers / Drivers with Open Drain Outputs | 1 2 3 4 5 More | Hitachi Semiconductor |
| SN74LV06A | HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| HD74LV07A | Hex Buffers / Drivers with Open Drain Outputs | 1 2 3 4 5 More | Hitachi Semiconductor |
| HD151005 | Octal Inverter Buffers/Drivers With Open Drain High Voltage Outputs | 1 2 3 4 5 More | Hitachi Semiconductor |
| SN54LVC06A | HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| 74AC05 | Hex Inverter with Open Drain Outputs | 1 2 3 4 | Fairchild Semiconductor |
| SN74LVC07A | HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| TC74LCX07FT | Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs open drain | 1 2 3 4 5 More | Toshiba Semiconductor |
| 74LCX06 | Low Voltage Hex Inverter/Buffer with Open Drain Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |