Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TA78DL10AS Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TA78DL10AS Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TA78DL05,06,08,09,10,12,15AS 2003-01-29 3 TA78DL06AS Electrical Characteristics (Unless otherwise specified, VIN = 14 V, IOUT = 10 mA, Tj = 25°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT ― 6.35 V ≤ VIN ≤ 26 V, −40°C ≤ Ta ≤ 85°C 5.7 6.0 6.3 V 10 V ≤ VIN ≤ 17 V ― 2 12 Line regulation Reg·line ― 7 V ≤ VIN ≤ 26 V ― 5 36 mV Load regulation Reg·load ― 10 mA ≤ IOUT ≤ 200 mA ― 17 60 mV Quiescent current IB ― IOUT ≤ 10 mA, 7 V ≤ VIN ≤ 26 V ― 0.55 ― mA IOUT = 50 mA ― 0.15 0.3 Dropout voltage VD ― IOUT = 200 mA ― 0.4 0.6 V Max operating voltage VIN ― ― 29 33 ― V TA78DL08AS Electrical Characteristics (Unless otherwise specified, VIN = 16 V, IOUT = 10 mA, Tj = 25°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT ― 8.35 V ≤ VIN ≤ 26 V, −40°C ≤ Ta ≤ 85°C 7.6 8 8.4 V 12 V ≤ VIN ≤ 19 V ― 3 16 Line regulation Reg·line ― 9 V ≤ VIN ≤ 26 V ― 6 45 mV Load regulation Reg·load ― 10 mA ≤ IOUT ≤ 200 mA ― 22 80 mV Quiescent current IB ― IOUT ≤ 10 mA, 9 V ≤ VIN ≤ 26 V ― 0.6 ― mA IOUT = 50 mA ― 0.15 0.3 Dropout voltage VD ― IOUT = 200 mA ― 0.4 0.6 V Max operating voltage VIN ― ― 29 33 ― V TA78DL09AS Electrical Characteristics (Unless otherwise specified, VIN = 16 V, IOUT = 10 mA, Tj = 25°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Output voltage VOUT ― 9.35 V ≤ VIN ≤ 26 V, −40°C ≤ Ta ≤ 85°C 8.55 9 9.45 V 13 V ≤ VIN ≤ 20 V ― 3 18 Line regulation Reg·line ― 10 V ≤ VIN ≤ 26 V ― 7 50 mV Load regulation Reg·load ― 10 mA ≤ IOUT ≤ 200 mA ― 25 90 mV Quiescent current IB ― IOUT ≤ 10 mA, 10 V ≤ VIN ≤ 26 V ― 0.65 ― mA IOUT = 50 mA ― 0.15 0.3 Dropout voltage VD ― IOUT = 200 mA ― 0.4 0.6 V Max operating voltage VIN ― ― 29 33 ― V |
Número de pieza similar - TA78DL10AS |
|
Descripción similar - TA78DL10AS |