Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7448841033 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7448841033
Descripción Electrónicos  WE-DPC HV SMD Dual Powerchoke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7448841033 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7448841033 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448841033 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448841033 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448841033 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448841033 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table below
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
ArPa
DIN ISO 2768-1m
DESCRIPTION
WE-DPC HV SMD Dual
Powerchoke
ORDER CODE
7448841033
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
5030
001.000
Valid
2017-01-23
eiSos
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7448841033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7448841010 WURTH-7448841010 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841015 WURTH-7448841015 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841022 WURTH-7448841022 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841047 WURTH-7448841047 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841068 WURTH-7448841068 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
More results

Descripción similar - 7448841033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7448841010 WURTH-7448841010 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841047 WURTH-7448841047 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841150 WURTH-7448841150 Datasheet
295Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841022 WURTH-7448841022 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841220 WURTH-7448841220 Datasheet
295Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841470 WURTH-7448841470 Datasheet
295Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841100 WURTH-7448841100 Datasheet
295Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841330 WURTH-7448841330 Datasheet
295Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841082 WURTH-7448841082 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841068 WURTH-7448841068 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com