Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC48R2020 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

No. de pieza BC48R2020
Descripción Electrónicos  315/433MHz Remote RF TX 8-Bit OTP MCU
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC48R2020 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button BC48R2020 Datasheet HTML 7Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 8Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 9Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 10Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 11Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 12Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 13Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 14Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Rev. 1.10
10
�a� 0�� �01�
Rev. 1.10
11
�a� 0�� �01�
BC48R2020
315/433MHz Remote RF TX 8-Bit OTP MCU
BC48R2020
315/433MHz Remote RF TX 8-Bit OTP MCU
A.C. Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCPU
Operating Clock
�.3V~3.6V
8
8
8
�Hz
fHIRC
HIRC OSC
3V/3.6V Ta=��°C
-�%
8
+�%
�Hz
3V/3.6V Ta=0~70°C
-�%
8
+�%
�Hz
3.0V~3.6V Ta=0~70°C
-8%
8
+8%
�Hz
3.0V~3.6V Ta=-�0~8�°C
-1�%
8
+1�%
�Hz
fTI�ER
Timer I/P Frequenc� (T�R)
3.3V~3.6V
0
8
�Hz
tWDTOSC Watchdog Oscillator Period
3V
��
90
180
μs
tRES
External Reset Low Pulse Width
1
μs
tSST
S�stem Start-up Timer Period
wake-up from Halt
16
tSYS
tLVR
Low Voltage Width to Reset
0.��
1
ms
tRSTD
S�stem Reset Dela� Time (All Reset)
��
�0
100
ms
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.
Power on Reset Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure Power-on Reset
100
mV
RRVDD
VDD Raising Rate to Ensure Power-on Reset
0.03�
V/ms
tPOR
�inimum Time for VDD Sta�s at VPOR to
Ensure Power-on Reset
1
ms
VDD
tPOR
RRVDD
VPOR
Time


Número de pieza similar - BC48R2020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
BC485 CDIL-BC485 Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485A CDIL-BC485A Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485B CDIL-BC485B Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485L CDIL-BC485L Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Descripción similar - BC48R2020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
   Remote Type 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
   8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
logo
Holtek Semiconductor In...
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
BC68F2420BC68F2420 HOLTEK-BC68F2420BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com